Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1905 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA1905
Description  5W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1905 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA1905 Datasheet HTML 6Page - STMicroelectronics TDA1905 Datasheet HTML 7Page - STMicroelectronics TDA1905 Datasheet HTML 8Page - STMicroelectronics TDA1905 Datasheet HTML 9Page - STMicroelectronics TDA1905 Datasheet HTML 10Page - STMicroelectronics TDA1905 Datasheet HTML 11Page - STMicroelectronics TDA1905 Datasheet HTML 12Page - STMicroelectronics TDA1905 Datasheet HTML 13Page - STMicroelectronics TDA1905 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
APPLICATION SUGGESTION
The recommended values of the external components are those shown on the application circuit of fig. 21.
When the supply voltage Vs is less than 10V, a 100
Ω resistor must be connected between pin 2 and pin 3
in order to obtain the maximum output power.
Different values can be used. The following table can help the designer.
Component
Raccom.
value
Purpose
Larger than
recommended value
Smaller than
recommended value
Allowed range
Min.
Max.
Rg +R1
10K
Ω
Input signal imped.
for muting operation
Increase of the
attenuation in muting-on
condition. Decrease of
the input sensitivity.
Decrease of the attenu-
ation in muting on
condition.
R2
10K
Ω
Feedback resistors
Increase of gain.
Decrease of gain.
Increase quiescent
current.
9R3
R3
100
Ω
Decrease of gain.
Increase of gain.
1K
Ω
R4
1K
Ω
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads.
R5
100
Ω
Increase of the output
swing with low supply
voltage.
47
330
P1
20K
Ω
Volume potentiometer
Increase of the
switch-on noise.
Decrease of the input
impedance and of the
input level.
10K
Ω 100KΩ
C1
C2
C3
0.22
µF
Input DC
decoupling.
Higher cost
lower noise.
Higher low
frequency cutoff.
Higher noise.
C4
2.2
µF
Inverting input DC
decoupling.
Increase of the switch-
on noise.
Higher low frequency
cutoff.
0.1
µF
C5
0.1
µF
Supply voltage
bypass.
Danger of
oscillations.
C6
10
µF
Ripple rejection
Increase of SVR
increase of the
switch-on time
Degradation of SVR
2.2
µF 100µF
C7
47
µF
Bootstrap.
Increase of the
distortion at low
frequency.
10
µF 100µF
C8
0.22
µF
Frequency stability.
Danger of oscillation.
C9
1000
µF Output DC decoupling.
Higher low frequency
cutoff.
11/14
TDA1905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com