Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1905 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1905
Description  5W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1905 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1905 Datasheet HTML 1Page - STMicroelectronics TDA1905 Datasheet HTML 2Page - STMicroelectronics TDA1905 Datasheet HTML 3Page - STMicroelectronics TDA1905 Datasheet HTML 4Page - STMicroelectronics TDA1905 Datasheet HTML 5Page - STMicroelectronics TDA1905 Datasheet HTML 6Page - STMicroelectronics TDA1905 Datasheet HTML 7Page - STMicroelectronics TDA1905 Datasheet HTML 8Page - STMicroelectronics TDA1905 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
4
30
V
Vo
Quiescent output voltage
Vs =4V
Vs = 14V
Vs = 30V
1.6
6.7
14.4
2.1
7.2
15.5
2.5
7.8
16.8
V
Id
Quiescent drain current
Vs =4V
Vs = 14V
Vs = 30V
15
17
21
35
mA
VCE sat
Output stage saturation
voltage
IC =1A
IC =2A
0.5
1
V
Po
Output power
d = 10%
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
f = 1KHz
RL =4
Ω (*)
RL =4
Ω
RL =8
Ω
RL =16
Ω
2.2
5
5
4.5
2.5
5.5
5.5
5.3
W
d
Harmonic distortion
f = 1KHz
Vs =9V
RL =4
Ω
Po = 50 mW to 1.5W
Vs = 14V
RL =4
Ω
Po =50 mW to 3W
Vs = 18V
RL =8
Ω
Po =50 mW to 3W
Vs = 24V
RL =16
Ω
Po =50 mW to 3W
0.1
0.1
0.1
0.1
%
Vi
Input sensitivity
f = 1KHz
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
RL =4
Ω
RL =4
Ω
RL =8
Ω
RL =16
Ω
Po = 2.5W
Po = 5.5W
Po = 5.5W
Po = 5.3W
37
49
73
100
mV
Vi
Input saturation
voltage (rms)
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
0.8
1.3
1.8
2.4
V
Ri
Input resistance (pin 8)
f = 1KHz
60
100
K
Ω
Id
Drain current
f = 1KHz
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
RL =4
Ω
RL =4
Ω
RL =8
Ω
RL =16
Ω
Po = 2.5W
Po = 5.5W
Po = 5.5W
Po = 5.3W
380
550
410
295
mA
η
Efficiency
f = 1KHz
Vs =9V
Vs = 14V
Vs = 18V
Vs = 24V
RL =4
Ω
RL =4
Ω
RL =8
Ω
RL =16
Ω
Po = 2.5W
Po = 5.5W
Po = 5.5W
Po = 5.3W
73
71
74
75
%
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb =25
°C, Rth (heatsink) = 20 °C/W,
unless otherwisw specified)
(*) With an external resistor of 100
Ω between pin 3 and +Vs.
4/14
TDA1905



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com