Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2052 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2052
Description  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2052 Datasheet HTML 5Page - STMicroelectronics TDA2052 Datasheet HTML 6Page - STMicroelectronics TDA2052 Datasheet HTML 7Page - STMicroelectronics TDA2052 Datasheet HTML 8Page - STMicroelectronics TDA2052 Datasheet HTML 9Page - STMicroelectronics TDA2052 Datasheet HTML 10Page - STMicroelectronics TDA2052 Datasheet HTML 11Page - STMicroelectronics TDA2052 Datasheet HTML 12Page - STMicroelectronics TDA2052 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Figure 21:Distortion vs Output Power
(Midrange/Tweeter)
Figure 20: Distortion vs Output Power
(Subwoofer)
Figure 19: Frequency Response
As shown in Figure 19, the R-C passive network
for low-pass and High-pass give a cut with a
slope of 12dB/octave
A further advantage of this application is that con-
necting each speaker direcly to its amplifier, the
musical signal is not modified by the variations of
the impedance of the crossover over frequency.
The subwoofer is designed for obtaining high
sound pressure level with low distortion without
stereo effect.
In the application of figure 18, the subwoofer
plays the 20 to 300 Hz frequency range, while the
remaining 300 Hz to 20KHz are sent to two sepa-
rate channels with stereo effect.
The multiway system makes use
of three
TDA2052, one for driving the subwoofer with
POUT higher than 40W (THD = 10%), 28W undis-
torted (THD = 0.01%), while the others two
TDA2052 are used for driving the mid/high fre-
quency speakers of L/R channels, delivering
POUT = 25W (THD = 10%) and 20W @ THD =
0.01%
TDA2052
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com