Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2052 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2052
Description  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2052 Datasheet HTML 1Page - STMicroelectronics TDA2052 Datasheet HTML 2Page - STMicroelectronics TDA2052 Datasheet HTML 3Page - STMicroelectronics TDA2052 Datasheet HTML 4Page - STMicroelectronics TDA2052 Datasheet HTML 5Page - STMicroelectronics TDA2052 Datasheet HTML 6Page - STMicroelectronics TDA2052 Datasheet HTML 7Page - STMicroelectronics TDA2052 Datasheet HTML 8Page - STMicroelectronics TDA2052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
APPLICATIONS SUGGESTIONS (See Test and Application Circuit)
The recommended values of the external components are those shown on the application circuit. Differ-
ent values can be used; the following table can help the designer.
Comp.
Value
Purpose
Larger Than
Smaller Than
R1
22K
Ω (*)
Input Impedance
Increase of Input
Impedance
Decrease of Input
Impedance
R2
560
Ω
Closed Loop Gain set to
32dB (**)
Decrease of Gain
Increase of Gain
R3
22K
Ω (*)
Increase of Gain
Decrease of Gain
R4
22K
Ω (*)
Input Impedance @ Mute
R5
22K
Ω
Stand-by Time Constant
R6
4.7
Ω
Frequency Stability
Danger of oscillations
Danger of oscillations
C1
1
µF
Input DC Decoupling
Higher Low-frequency
cut-off
C2
10
µF
Feedback DC Decoupling
Higher Low-frequency
cut-off
C3
10
µF
Stand-by Time Constant
C4
0.100
µF
Frequency Stability
Danger of Oscillations
C5, C6
1000
µF
Supply Voltage Bypass
(*) R1 = R3 = R4 for POP optimization
(**) Closed Loop Gain has to be
≥ 30dB
Figure 1: Output Power vs. Supply Voltage
Figure 2: Distortion vs. Output Power
TYPICAL CHARACTERISTICS
TDA2052
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com