Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA3190 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA3190
Description  COMPLETE TV SOUND CHANNEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA3190 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA3190 Datasheet HTML 1Page - STMicroelectronics TDA3190 Datasheet HTML 2Page - STMicroelectronics TDA3190 Datasheet HTML 3Page - STMicroelectronics TDA3190 Datasheet HTML 4Page - STMicroelectronics TDA3190 Datasheet HTML 5Page - STMicroelectronics TDA3190 Datasheet HTML 6Page - STMicroelectronics TDA3190 Datasheet HTML 7Page - STMicroelectronics TDA3190 Datasheet HTML 8Page - STMicroelectronics TDA3190 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (pin 10)
28
V
Vi
Input Signal Voltage (pin 1)
1
V
Io
Output Peak Current (non-repetitive)
2
A
Io
Output Peak Current (repetitive)
1.5
A
Ptot
Power Dissipation at Tpins =90
°C
at Tamb =70
°C (free air)
4.3
1
W
W
Tstg,Tj
Storage and Junction Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
Max
14
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max
80*
°C/W
* Obtained with the GND pins soldered to printed circuit with minimized copper area.
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS = 24V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage (Pin 14)
9
28
V
Vo
Quiescent Output Voltage (Pin11)
Vs = 24V
Vs = 12V
11
5.1
12
6
13
6.9
V
V
Id
Quiescent Drain Current
P1 = 22k
Ω
Vs = 24V
Vs = 12V
11
22
19
45
40
mA
mA
TDA3190
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com