Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7269A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7269A
Description  1414W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7269A Datasheet HTML 1Page - STMicroelectronics TDA7269A Datasheet HTML 2Page - STMicroelectronics TDA7269A Datasheet HTML 3Page - STMicroelectronics TDA7269A Datasheet HTML 4Page - STMicroelectronics TDA7269A Datasheet HTML 5Page - STMicroelectronics TDA7269A Datasheet HTML 6Page - STMicroelectronics TDA7269A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VS = + 16V; RL =8
Ω;RS =50Ω;
GV = 30dB; f = 1KHz; Tamb =25
°C, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
RL =8
Ω ;
+5
+20
V
RL =4
Ω ;
+5
+15
V
Iq
Total Quiescent Current
60
100
mA
VOS
Input Offset Voltage
–25
+25
mV
Ib
Non Inverting Input Bias Current
500
nA
PO
Output Power
THD = 10%
RL =8
Ω ;
VS + 12.5V; RL =4
Ω
12
8
14
10
W
W
THD = 1%
RL =8
Ω ;
VS + 12.5V; RL =4
Ω
9
6
11
7.5
W
W
THD
Total Harmonic Distortion
RL =8
Ω ;PO = 1W; f = 1KHz
0.03
%
RL =8
Ω ;
PO = 0.1 to 7W;
f = 100Hz to 15KHz
0.7
%
RL =4
Ω ;PO = 1W; f = 1KHz
0.02
%
RL =4
Ω ;VS + 10V;
PO = 0.1 to 5W;
f = 100Hz to 15KHz
1%
CT
Cross Talk
f = 1KHz
f = 10KHz
50
70
60
dB
dB
SR
Slew Rate
6.5
10
V/
µs
GOL
Open Loop Voltage Gain
80
dB
eN
Total Input Noise
A Curve
f = 20Hz to 22KHz
3
48
µV
µV
Ri
Input Resistance
15
20
K
Ω
SVR
Supply Voltage Rejection
(each channel)
fr = 100Hz
Vr = 0.5V
60
dB
Tj
Thermal Shut-down
Junction Temperature
145
°C
MUTE FUNCTION [ref: +VS] (*)
VTMUTE
Mute / Play Threshold
-7
-6
-5
V
AM
Mute Attenuation
60
70
dB
STAND-BY FUNCTION [ref: +VS] (Only for Split Supply)
VTST-BY
Stand-by / Mute Threshold
-3.5
-2.5
-1.5
V
AST-BY
Stand-by Attenuation
110
dB
Iq ST-BY
Quiescent Current @ Stand-by
3
6
mA
(*) In mute condition the current drawn from pin 5 must be
≤ 650µA.
TDA7269A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com