Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7269A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7269A
Description  1414W STEREO AMPLIFIER WITH MUTE & ST-BY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7269A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7269A Datasheet HTML 1Page - STMicroelectronics TDA7269A Datasheet HTML 2Page - STMicroelectronics TDA7269A Datasheet HTML 3Page - STMicroelectronics TDA7269A Datasheet HTML 4Page - STMicroelectronics TDA7269A Datasheet HTML 5Page - STMicroelectronics TDA7269A Datasheet HTML 6Page - STMicroelectronics TDA7269A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MUTE STAND-BY FUNCTION
The pin 5 (MUTE/STAND-BY) controls the ampli-
fier status by two different thresholds, referred to
+VS.
- When Vpin5 higher than = +VS - 2.5V the
amplifier is in Stand-by mode and the final
stage generators are off
- when Vpin5 is between +VS - 2.5V and +VS
- 6V the final stage current generators are
switched on and the amplifier is in mute
mode
- when Vpin5 is lower than +VS - 6V the am-
plifier is play mode.
t
OFF
STDBY
MUTE
MUTE
MUTE
MUTE
PLAY
STDBY
PLAY
OFF
STDBY
20
+VS
(V)
-20
-VS
V
IN
(mV)
Vpin5
(V)
V
S
VS-2.5
V
S-6
V
S-10
Iq
(mA)
0
VOUT
(V)
D94AU086
Figure 2
TDA7269A
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com