Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7274 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7274
Description  LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7274 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7274 Datasheet HTML 2Page - STMicroelectronics TDA7274 Datasheet HTML 3Page - STMicroelectronics TDA7274 Datasheet HTML 4Page - STMicroelectronics TDA7274 Datasheet HTML 5Page - STMicroelectronics TDA7274 Datasheet HTML 6Page - STMicroelectronics TDA7274 Datasheet HTML 7Page - STMicroelectronics TDA7274 Datasheet HTML 8Page - STMicroelectronics TDA7274 Datasheet HTML 9Page - STMicroelectronics TDA7274 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 15 : Speed Variations vs.
Ambient Temperature.
APPLICATION INFORMATION
Figure 16.
IM = Motor current at rated speed
RM = Motor resistance
Eg = Back electromotive force
VM =IM .RM +Eg
Eg
= RT Id + IM
RT
K
− RM
+ Vref
1
+
RB
RS
+
RT
RS
(1 +
1
K
)
RS has to be adjusted so that the applied voltage
VM is suitable for a given motor, the speed is then
linearly adjustable varing RB.
The value of RT is calculated so that
RT (max.) <K (min.)
•. RM (min.)
If RT (max.) >K
• RM, instability may occur.
The values of C1 (4.7
µF typ.) and C2 (1 µF typ.)
depend on the type of motor used. C1 adjusts
WOW and flutter of the system. C2 suppresses
motor spikes.
TDA7274
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com