Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7274 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7274
Description  LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7274 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7274 Datasheet HTML 2Page - STMicroelectronics TDA7274 Datasheet HTML 3Page - STMicroelectronics TDA7274 Datasheet HTML 4Page - STMicroelectronics TDA7274 Datasheet HTML 5Page - STMicroelectronics TDA7274 Datasheet HTML 6Page - STMicroelectronics TDA7274 Datasheet HTML 7Page - STMicroelectronics TDA7274 Datasheet HTML 8Page - STMicroelectronics TDA7274 Datasheet HTML 9Page - STMicroelectronics TDA7274 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 12 : P. C. Board and Components layout of the Circuit of fig. 11 (1 : 1 scale).
Figure 11 : Application Circuit.
Figure 14 : Speed Variations vs. Motor Current.
Figure 13 : Speed Variations vs. Supply Voltage.
VS = 3.0V
RM = 4.9
Ω
RT = 220
Ω
Eg = 1.65V
IM = 100mA
VM =RM IM +Eg = 2.14V
Figure 10 : Reference Voltage vs.
Ambient Temperature.
TDA7274
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com