Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7278 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7278
Description  HIGH-EFFICIENCY CD ACTUATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7278 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7278 Datasheet HTML 1Page - STMicroelectronics TDA7278 Datasheet HTML 2Page - STMicroelectronics TDA7278 Datasheet HTML 3Page - STMicroelectronics TDA7278 Datasheet HTML 4Page - STMicroelectronics TDA7278 Datasheet HTML 5Page - STMicroelectronics TDA7278 Datasheet HTML 6Page - STMicroelectronics TDA7278 Datasheet HTML 7Page - STMicroelectronics TDA7278 Datasheet HTML 8Page - STMicroelectronics TDA7278 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS (25
°C)
Pin Name
Min
Max
Unit
HIN 1, HIN 2, HIN 3, HIN 4
-0.4
8
V
HOUT 1A, HOUT 2A, HOUT 3A, HOUT 4A, HOUT 1B, HOUT 2B, HOUT 3B,
HOUT 4B
-0.4
8
V
FLIN 1, FLIN 2, FLIN 3, FLIN 4
-0.4
10
V
ERROR 1, ERROR 2, ERROR 3, ERROR 4,
-0.4
7
V
VBAT
-0.4
8
V
VREF 1,VREF 2
-0.4
7
V
BLOW, BEMP, VCON
-0.4
7
V
OUT, VHIGH
-0.4
16
V
OUT 2
-0.4
8
V
OUT 1
-0.4
16
V
SSCAP, IRC, INP
-0.4
7
V
VCPU
-0.4
7
V
VBG, RESET, CRES, WDINP, STCAP, SYNC
-0.4
7
V
EN
-0.4
8
V
* Pin 1, 8, 12, 14, 20, 26 and 33 are ESD sensitive (max. voltage
±1KV)
THERMAL DATA
Symbol
Parameter
Value
Unit
Top
Operating Temperature range
–25 to 70
°C
Tj
Max. Junction Temperature
100
°C
Tj-amb
Thermal Resistance Junction to Ambient
70
°C/W
TDA7278
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com