Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7278 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7278
Description  HIGH-EFFICIENCY CD ACTUATOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7278 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7278 Datasheet HTML 1Page - STMicroelectronics TDA7278 Datasheet HTML 2Page - STMicroelectronics TDA7278 Datasheet HTML 3Page - STMicroelectronics TDA7278 Datasheet HTML 4Page - STMicroelectronics TDA7278 Datasheet HTML 5Page - STMicroelectronics TDA7278 Datasheet HTML 6Page - STMicroelectronics TDA7278 Datasheet HTML 7Page - STMicroelectronics TDA7278 Datasheet HTML 8Page - STMicroelectronics TDA7278 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C, VBAT = 1.6V unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VBAT
Power Supply
(Tamb =25 to 70
°C)
Config. in fig. 3a: VCPU <4V
Config. in fig. 3a: VCPU >4V
Config. in fig. 3b
Config. in fig. 3c
Stand-by condition
Config. in fig 3a
1.6
1.6
VCPU +0.3
1.6
VCPU
4
4
4
4
V
V
V
V
V
Power Supply
(Tamb =25 to 60°C)
Config. in fig. 3a
Config. in fig. 3b
Config. in fig. 3c
Stand-by condition
Config. in fig 3a
1.6
VCPU +0.3
1.6
VCPU
5
5
5.5
V
V
V
V
Current Consumption from
VCPU (1)
VCPU =5V
5
mA
Current Consumption from
VBAT (3)
1.5
mA
Leakage Current in stand-
by condition
VBAT =5V
20
µA
VHIGH
VCPU (adj)
Output Voltages
VBAT +4
2.4
VBAT +7
VBAT +12
5
V
V
RON ofDC/DC Converter Switch I = 1A
0.25
0.4
Ω
Max Output Current from
VCPU
VCPU < 4.5V Config. fig 3a
150
mA
Voltage Ripple on VCPU
Oscillator - free freq.
- sync. freq
-
∆ free freq.
STCAP = 470pF
.
VBAT = 1.6 to 5V
80
200
180
20
KHz
KHz
KHz
H_bridge
- Ron, actuators (CH 1,3)
- Ron, motors (CH 2,4)
I = 100mA
1.0
1.6
1.6
2.5
Ω
Ω
PWM Circuit
- Ron, actuators
- Ron, motors
I = 100mA
0.5
0.8
0.8
1.25
Ω
Ω
VBG
Reference Voltage
1.22
1.28
1.34
V
Load Regulation
ILOAD =-10 to+10
µA;
-30
30
mV
Line Regulation
VBAT = 1.6 to 5V
30
mV
AV
Bridge gain
From Error to HIN
2.8
3.6
4.5
K
Reset Time Coefficient
note 2
7.4
11
17.2
msec/
µF
ZIN
Error Impedance Inputs
26
40
k
Ω
VREF2 Load Regulation
ILOAD =-1 to+1mA
–30
30
mV
VREF1 Impedance
750
k
Ω
WINDIP Impedance
30
k
Ω
BEMP & BLOW
intervention threshold
0.55
0.65
0.75
V
RESET Voltage Saturation
ILOAD =-100
µA
200
mV
VCON Voltage Saturation
ILOAD =-100
µA
ILOAD =100
µAVCPU-200
200
mV
mV
(1): all the 4 PWM outputs switched off.
(2) TRESET = width of the Reset pulse on pin 19 = K
⋅ C, where C is the capacitance on pin 20 (CRES).
To avoid reset, the frequency of watch dog pulses must be greater than (3
⋅ TRESET)-1
(3) All the 4 PWM output switched OFF, auxiliary and main DC/DC converters polarized but not switching
TDA7278
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com