Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7370 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7370
Description  QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7370 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7370 Datasheet HTML 1Page - STMicroelectronics TDA7370 Datasheet HTML 2Page - STMicroelectronics TDA7370 Datasheet HTML 3Page - STMicroelectronics TDA7370 Datasheet HTML 4Page - STMicroelectronics TDA7370 Datasheet HTML 5Page - STMicroelectronics TDA7370 Datasheet HTML 6Page - STMicroelectronics TDA7370 Datasheet HTML 7Page - STMicroelectronics TDA7370 Datasheet HTML 8Page - STMicroelectronics TDA7370 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TDA7370
QUAD POWER AMPLIFIER FOR CAR RADIO
MINIMUM EXTERNAL COMPONENT COUNT
HIGH CURRENT CAPABILITY
NO BOOTSTRAP CAPACITORS
NO BOUCHEROT CELLS
CLIP DETECTOR OUTPUT
HIGH OUTPUT POWER
HIGH APPLICATION FLEXIBILITY
FIXED GAIN
VERY LOW STAND-BY CURRENT (1
µA typ)
NO SWITCH ON/OFF NOISE
PROTECTIONS:
OUTPUT AC/DC SHORT CIRCUIT TO GND
AND TO VS
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSE BATTERY
ESD
DESCRIPTION
The TDA7370 is a new technology class AB quad
channels Audio Power Amplifier in Multiwatt pack-
age designed for car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the high power performances of
the TDA7370 are obtained without bootstrap ca-
pacitors.
April 1995
BLOCK DIAGRAM
MULTIWATT 15
ORDERING NUMBER: TDA7370
1/17


Similar Part No. - TDA7370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
More results

Similar Description - TDA7370

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Apr-1995
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
logo
Unisonic Technologies
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377_15 Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com