Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7370 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7370
Description  QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7370 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7370 Datasheet HTML 9Page - STMicroelectronics TDA7370 Datasheet HTML 10Page - STMicroelectronics TDA7370 Datasheet HTML 11Page - STMicroelectronics TDA7370 Datasheet HTML 12Page - STMicroelectronics TDA7370 Datasheet HTML 13Page - STMicroelectronics TDA7370 Datasheet HTML 14Page - STMicroelectronics TDA7370 Datasheet HTML 15Page - STMicroelectronics TDA7370 Datasheet HTML 16Page - STMicroelectronics TDA7370 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CLIPPING DETECTOR
Figures 25 and 26 show an application using the
TDA7370 in combination with the SGS-THOM-
SON audioprocessor TDA7302.
The output clipping is recognized by the micro-
processor (in this application it is simulated by a
PC).
The detailed way to operate of the system is rep-
resented by the flow-chart of fig.24
The controller detects when the clipping is active
(minimun detection width fixed by a C29 = 12 nF
external capacitor), and reduces the volume (or
bass ) by steps of 2 dB (with a programmable
waiting time), until no more clipping is detected.
Then the controller waits for a programmable time
before increasing the volume again by step of 2
dB until clipping is again detected or the panel se-
lected volume is reached.
Practical advantages of this application is a better
sound quality deriving from operation under no
clipping conditions, which also means the avail-
ability of higher undistorted power.
WHAT IS NEEDED FOR A DEMONSTRATION
- a XT or AT IBM compatible PC, supplied with
EGA card
- a SGS-THOMSON audioprocessor application disk
- a TDA 7302 + TDA7370 board
- a connector from audioprocessor board to PC
parallel port
GENERAL INFORMATION
In the application shown in figures 25 and 26 the
TDA7302 audioprocessor works on PC XT or AT
IBM compatible.
Control is accomplished by serial bus ( S-bus or
I
2C-bus or SPI bus) sent to the test board through
the PC parallel port.
The PC simulates the behaviour of the microproc-
essor in a real application (for example in a car
radio) and the buffer is necessary only in this ap-
plication for protecting the PC.
Figure 24: Clipping Detector Control Routine
TDA7370
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com