Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7381 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 2Page - STMicroelectronics TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
OUTPUT MISCONNECTIONS (OUT-GND &
OUT-Vs shorts)
Diagnostics information is available across an
open collector output located at pin 25 (fig. 4)
through a current sinking whenever at least one
of the above events is recognized.
Among them, the CLIPPING DETECTOR acts in
a way to output a signal as soon as one or more
power transistors start being saturated.
As a result, the clipping-related signal at pin 25
takes the form of pulses, which are perfectly syn-
cronized with each single clipping event in the
music program and reflect the same duration time
(fig. 5).
Applications making use of this facility
usually operate a filtering/integration of the pulses
train through passive R-C networks and realize a
volume (or tone bass) stepping down in associa-
tion with microprocessor-driven audioprocessors.
The maximum load that pin 25 can sustain is
1K
Ω.
Due to its operating principles, the clipping detec-
VREF
R
Vpin 25
25
D95AU303
TDA7385
Figure 4: Diagnostics circuit.
Figure 5: Clipping Detection Waveforms.
TDA7381
t
t
t
MUTE PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 25
WAVEFORM
SHORT TO GND
OR TO Vs
D95AU304
CLIPPING
THERMAL
PROXIMITY
ST-BY PIN
VOLTAGE
t
Figure 6: Diagnostics Waveforms.
TDA7381
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com