Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7381 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 2Page - STMicroelectronics TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
tor has to be viewed mainly as a power-depend-
ent feature rather than frequency-dependent. This
means that clipping state will be immediately sig-
naled out whenever a fixed power level is
reached, regardless of the audio frequency.
In other words, this feature offers the means to
counteract the extremely sound-damaging effects
of clipping, caused by a sudden increase of odd
order harmonics and appearance of serious inter-
modulation phenomena.
Another possible kind of distortion control could
be the setting of a maximum allowable THD limit
(e.g. 0.5 %) over the entire audio frequency
range. Besides offering no practical advantages,
this procedure cannot be much accurate, as the
non-clipping distortion is likely to vary over fre-
quency.
In case of OVERHEATING, pin 25 will signal out
the junction temperature proximity to the thermal
shut-down threshold. This will typically start about
2
oC before the thermal shut-down threshold is
reached.
As various kind of diagnostics information is avail-
able at pin 25 (CLIPPING, SHORTS AND OVER-
HEATING), it may be necessary to operate some
distinctions on order to treat each event sepa-
rately. This could be achieved by taking into ac-
count the intrinsically different timing of the diag-
nostics output under each circumstance.
In fact, clipping will produce pulses normally
much shorter than those present under faulty con-
ditions. An example of circuit able to distinguish
between the two occurrences is shown by fig. 7.
STABILITY AND LAYOUT CONSIDERATIONS
If properly layouted and hooked to standard car-
radio speakers, the TDA7381 will be intrinsically
stable with no need of external compensations
such as output R-C cells. Due to the high number
of channels involved, this translates into a very
remarkable components saving if compared to
similar devices on the market.
To simplify pc-board layout designs, each ampli-
fier stage has its own power ground externally ac-
cessible (pins 2,8,18,24) and one supply voltage
pin for each couple of them.
Even more important, this makes it possible to
achieve the highest possible degree of separation
among the channels, with remarkable benefits in
terms of cross-talk and distortion features.
About the layout grounding, it is particularly im-
portant to connect the AC-GND capacitor (C5)to
the signal GND, as close as possible to the audio
inputs ground: this will guarantee high rejection of
any common mode spurious signals.
The SVR capacitor (C6) has also to be connected
to the signal GND.
Supply filtering elements (C7,C8) have naturally
to be connected to the power-ground and located
as close as possible to the Vs pins.
Pin 1, which is mechanically attached to the de-
vice’s tab, needs to be tied to the cleanest power
ground point in the pc-board, which is generally
near the supply filtering capacitors.
CLIP DET. (TO GAIN
COMPRESSOR/
TONE CONTROL)
T1
25
D95AU305
TDA7385
+
-
VREF
VREF1
T2
FAULT, THERMAL SHUTDOWN
(TO POWER SUPPLY
SECTION,
µP VOLTAGE
REGULATOR, FLASHING SYSTEM)
+
-
VREF2
T1 << T2
VREF
≥ VREF1 >> VREF2
Figure 7.
TDA7381
TDA7381
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com