Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7385 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7385
Description  4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 3Page - STMicroelectronics TDA7385 Datasheet HTML 4Page - STMicroelectronics TDA7385 Datasheet HTML 5Page - STMicroelectronics TDA7385 Datasheet HTML 6Page - STMicroelectronics TDA7385 Datasheet HTML 7Page - STMicroelectronics TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Figure 9: Output Noise vs. Source Resistance
Figure 10: Power Dissipation & Efficiency vs.
Output Power
Rg (
Ω)
Ptot (W)
Ptot
APPLICATION HINTS (ref. to the circuit of fig. 1)
BIASING AND SVR
As shown by fig. 11, all the TDA7385’s main sec-
tions, such as INPUTS, OUTPUTS AND AC-GND
(pin 16) are internally biased at half Supply Volt-
age level (Vs/2), which is derived from the Supply
Voltage Rejection (SVR) block. In this way no cur-
rent flows through the internal feedback network.
The AC-GND is common to all the 4 amplifiers
and represents the connection point of all the in-
verting inputs.
Both individual inputs and AC-GND are con-
nected to Vs/2 (SVR) by means of 100K
Ω resis-
tors.
To ensure proper operation and high supply volt-
age rejection, it is of fundamental importance to
provide a good impedance matching between IN-
PUTS and AC-GROUND terminations. This im-
plies that C1,C2,C3,C4,C5 CAPACITORS HAVE
TO CARRY THE SAME NOMINAL VALUE AND
THEIR TOLERANCE SHOULD NEVER EXCEED
±10 %.
Besides its contribution to the ripple rejection, the
SVR capacitor governs the turn ON/OFF time se-
quence and, consequently, plays an essential role
in the pop optimization during ON/OFF transients.
To conveniently serve both needs, ITS MINIMUM
RECOMMENDED VALUE IS 10
µF.
+
-
0.1
µF
C1
÷ C4
+
-
8K
Ω
8K
Ω
400
Ω
400
Ω
100K
Ω
100K
Ω
70K
Ω
IN
D95AU302
TOWARDS
OTHER CHANNELS
10K
Ω
10K
Ω
VS
47
µF
C6
0.1
µF
C5
SVR
AC_GND
Figure 11: Input/OutputBiasing.
TDA7385
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com