Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7385 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7385
Description  4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 4Page - STMicroelectronics TDA7385 Datasheet HTML 5Page - STMicroelectronics TDA7385 Datasheet HTML 6Page - STMicroelectronics TDA7385 Datasheet HTML 7Page - STMicroelectronics TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics TDA7385 Datasheet HTML 11Page - STMicroelectronics TDA7385 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
t
t
t
MUTE PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 25
WAVEFORM
SHORT TO GND
OR TO Vs
D95AU304
CLIPPING
THERMAL
PROXIMITY
ST-BY PIN
VOLTAGE
t
Figure 14: Diagnostics Waveforms.
reached.
As various kind of diagnostics information is avail-
able at pin 25 (CLIPPING, SHORTS AND OVER-
HEATING), it may be necessary to operate some
distinctions on order to treat each event sepa-
rately. This could be achieved by taking into ac-
count the intrinsically different timing of the diag-
nostics output under each circumstance.
In fact, clipping will produce pulses normally
much shorter than those present under faulty con-
ditions. An example of circuit able to distinguish
between the two occurrences is shown by fig. 15.
STABILITY AND LAYOUT CONSIDERATIONS
If properly layouted and hooked to standard car-
radio speakers, the TDA7385 will be intrinsically
stable with no need of external compensations
CLIP DET. (TO GAIN
COMPRESSOR/
TONE CONTROL)
T1
25
D95AU305
TDA7385
+
-
VREF
VREF1
T2
FAULT, THERMAL SHUTDOWN
(TO POWER SUPPLY
SECTION,
µP VOLTAGE
REGULATOR, FLASHING SYSTEM)
+
-
VREF2
T1 << T2
VREF
≥ VREF1 >> VREF2
Figure 15.
TDA7385
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com