Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCS401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS401
Description  Bulk Metal® Technology Precision, Low Value, Current Sense/Current Shunt Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS401 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS401 Datasheet HTML 1Page - Vishay Siliconix VCS401 Datasheet HTML 2Page - Vishay Siliconix VCS401 Datasheet HTML 3Page - Vishay Siliconix VCS401 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63016
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 25-Jun-07
1
VCS101, VCS103, VCS401
Vishay Foil Resistors
Bulk Metal® Technology
Precision, Low Value, Current Sense/Current Shunt Resistors
Any value available within resistance range
INTRODUCTION
Model VCS101, VCS103 and VCS401 resistors are available
in 2 configurations. This Bulk Metal® resistor can serve as a
low ohm, high power resistive shunt or as a medium power
current sensing resistor. Resistors are non insulated.
Our Applications Engineering Department is prepared to
advise and to make recommendations. For non standard
technical requirements and special applications, please
contact us.
FEATURES
• Low Ohmic Values: 0.005 Ω to 0.25 Ω
• Resistive Tolerance: to ± 0.1 %
• Temperature Coefficient of Resistance (TCR):
± 20 ppm/°C at 0.1
Ω, available to ± 15 ppm/°C
Contact Applications Engineering for tighter
limits
• 4 leads for Kelvin connection
• Power Rating: to 1.5 W at + 25 °C (free air)
• Maximum Operating Temperature: + 175 °C
• Lead (Pb)-free available
• For better perfomances, see VCS200 and VCS300 series
datasheets
APPLICATIONS
• High Precision Instrumentation
• Automatic Test Equipment
• Current Sensing Application
• Industrial
• Medical
• Military
• Measurement Instrumentation
Note
1. Tighter Performances are available, please contact application engineering department
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
FIGURE 1 - DIMENSIONS AND SCHEMATIC
H
W
0.500 Min.
0.520 ± 0.020
0.200 ± 0.030
0.920 ± 0.020
Leads
0.040 x 0.005
Tin Plated Copper
Leads
0.032 Diameter
Solder Coated
Copper
(#20 AWG)
Model VCS101 Current Sensor
I1
E1
E2
I2
R
V
I
I
0.500 Min.
0.689 ± 0.020
I
1
I
2
E
2
E
1
0.040 Diameter Lead
Solder Coated Copper
(#18 AWG)
0.032 Diameter Lead
Solder Coated Copper
(#20 AWG)
1.083 ± 0.020
0.630
0.200 ± 0.030
H
W
Model VCS103 Current Sensor
Leads
0.040 x 0.005
Tin Plated
Copper
H
W
0.500 Min.
I
1
I
2
E
2
E
1
0.520 ± 0.020
Model VCS401 Current Shunt
TABLE 1 - CHARACTERISTICS AND DIMENSIONS
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
TIGHTEST
RESISTANCE
TOLERANCE (%)
POWER RATING
at + 25 °C
MAXIMUM
CURRENT
DIMENSIONS
INCHES
(mm)
VCS1011)
0.005 to 0.01
Ω
0.01 to 0.05
Ω
0.05 to 0.2
Ω
± 1
± 0.5
± 0.1
1 W
15 A
H
W
0.130
0.080
(3.30)
(2.03)
VCS4011)
1 W
3 A
H
W
0.130
0.080
(3.30)
(2.03)
VCS1031)
0.005 to 0.01
Ω
0.01 to 0.05
Ω
0.05 to 0.25
Ω
± 1
± 0.5
± 0.1
1.5 W
15 A
H
W
0.190
0.080
(4.83)
(2.03)


Similar Part No. - VCS401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS401 VISHAY-VCS401 Datasheet
78Kb / 2P
Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
25-Jun-07
More results

Similar Description - VCS401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS101 VISHAY-VCS101 Datasheet
78Kb / 2P
Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
25-Jun-07
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
Precision Current Sense Resistors
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
Precision Current Sense Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
Precision Current Sense Resistors
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
Precision Resistors for Current Sense
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com