Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCS401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS401
Description  Bulk Metal® Technology Precision, Low Value, Current Sense/Current Shunt Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS401 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS401 Datasheet HTML 1Page - Vishay Siliconix VCS401 Datasheet HTML 2Page - Vishay Siliconix VCS401 Datasheet HTML 3Page - Vishay Siliconix VCS401 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS101, VCS103, VCS401
Vishay Foil Resistors
Bulk Metal® Technology
Precision, Low Value, Current Sense/Current Shunt Resistors
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63016
2
Revision: 25-Jun-07
Note
1.
ΔR's plus additional 0.0005 Ω for measurement error.
Note
•
Further derating not necessary.
TABLE 2 - VCS101, VCS103 AND VCS401 PERFORMANCE1)
TEST OR CONDITION
VCS101, VCS103 AND VCS401
Maximum Ambient Temp. at Rated Power
+ 25 °C
Maximum Ambient Temp. at Zero Power
+ 175 °C
Temperature Coefficient
See Table 3
Thermal Shock
± 0.05 %
Short Time Overload
± 0.5 %
Terminal Strength
± 0.1 %
High Temperature Exposure
± 1.0 %
Moisture Resistance
± 0.1 %
Low Temperature Storage
± 0.05 %
Shock (Specified Pulse)
± 0.1 %
Vibration (High Frequency)
± 0.1 %
Life (Rated Power, + 25 °C, 2000 hrs.)
± 3.0 %
Resistance Tolerance
± 0.1 %, ± 1 %, ± 3 %, ± 5 %, ± 10 %
TABLE 3 - TC SPECIFICATIONS
VALUE
TC (ppm/°C)
0.005
Ω to 0.01 Ω
± 90
> 0.01
Ω to 0.05 Ω
± 30
> 0.05
Ω to 0.25 Ω
± 20
FIGURE 2 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
- 50
0
+ 50 + 100 + 150 + 200 + 250
Ambient Temperature °C
- 55 °C
+ 25 °C
+ 175 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com