Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7449L Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7449L
Description  LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449L Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7449L Datasheet HTML 1Page - STMicroelectronics TDA7449L Datasheet HTML 2Page - STMicroelectronics TDA7449L Datasheet HTML 3Page - STMicroelectronics TDA7449L Datasheet HTML 4Page - STMicroelectronics TDA7449L Datasheet HTML 5Page - STMicroelectronics TDA7449L Datasheet HTML 6Page - STMicroelectronics TDA7449L Datasheet HTML 7Page - STMicroelectronics TDA7449L Datasheet HTML 8Page - STMicroelectronics TDA7449L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA7449L
LOW COST
DIGITALLY CONTROLLED AUDIO PROCESSOR
INPUT MULTIPLEXER
- 2 STEREO INPUTS
- SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
ONE STEREO OUTPUT
VOLUME CONTROL IN 1.0dB STEPS
TWO SPEAKER ATTENUATORS:
- TWO INDEPENDENT SPEAKER CONTROL
IN 1.0dB STEPS FOR BALANCE FACILITY
- INDEPENDENT MUTE FUNCTION
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
DESCRIPTION
The TDA7449L is a volume control and balance
(Left/Right) processor for quality audio applica-
tions in TV systems.
Selectable input gain is provided. Control of all
the functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained.
April 1999
®
0/30dB
2dB STEP
MUXOUTL
VOLUME
VOLUME
MUXOUTR
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU868
I
2CBUS DECODER + LATCHES
100K
100K
G
L-IN1
L-IN2
100K
100K
R-IN1
R-IN2
G
INPUT MULTIPLEXER
+ GAIN
SPKR ATT
RIGHT
SUPPLY
CREF
AGND
VS
5
8
9
7
6
19
20
18
4
2
3
11
1
10
VREF
BLOCK DIAGRAM
ORDERING NUMBER: TDA7449L
DIP20
1/13


Similar Part No. - TDA7449L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7449L STMICROELECTRONICS-TDA7449L Datasheet
104Kb / 14P
LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449L STMICROELECTRONICS-TDA7449L_04 Datasheet
104Kb / 14P
LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
More results

Similar Description - TDA7449L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
TDA7449L STMICROELECTRONICS-TDA7449L_04 Datasheet
104Kb / 14P
LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com