Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7449L Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7449L
Description  LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7449L Datasheet HTML 5Page - STMicroelectronics TDA7449L Datasheet HTML 6Page - STMicroelectronics TDA7449L Datasheet HTML 7Page - STMicroelectronics TDA7449L Datasheet HTML 8Page - STMicroelectronics TDA7449L Datasheet HTML 9Page - STMicroelectronics TDA7449L Datasheet HTML 10Page - STMicroelectronics TDA7449L Datasheet HTML 11Page - STMicroelectronics TDA7449L Datasheet HTML 12Page - STMicroelectronics TDA7449L Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATA BYTES (continued)
SPEAKER ATTENUATE SELECTION
MSB
LSB
SPEAKER ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1dB
0
0
0
0dB
0
0
1
-1dB
0
1
0
-2dB
0
1
1
-3dB
1
0
0
-4dB
1
0
1
-5dB
1
1
0
-6dB
1
1
1
-7dB
0
000
0dB
0
0
0
1
-8dB
0
0
1
0
-16dB
0
0
1
1
-24dB
0
1
0
0
-32dB
0
1
0
1
-40dB
0
1
1
0
-48dB
0
1
1
1
-56dB
1
0
0
0
-64dB
1
0
0
1
-72dB
1
1
1
1
X
X
X
MUTE
SPEAKER ATTENUATION = 0 to -79dB/MUTE
20K
20K
CREF
VS
D96AU430
VS
PIN: 1
VS
D96AU434
20
µA
ROUT
24
LOUT
PINS: 4, 5
TDA7449L
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com