Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7454 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7454
Description  4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7454 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7454 Datasheet HTML 1Page - STMicroelectronics TDA7454 Datasheet HTML 2Page - STMicroelectronics TDA7454 Datasheet HTML 3Page - STMicroelectronics TDA7454 Datasheet HTML 4Page - STMicroelectronics TDA7454 Datasheet HTML 5Page - STMicroelectronics TDA7454 Datasheet HTML 6Page - STMicroelectronics TDA7454 Datasheet HTML 7Page - STMicroelectronics TDA7454 Datasheet HTML 8Page - STMicroelectronics TDA7454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (for t = 50ms)
40
V
IO
Output Peak Current (not repetitive t = 100
µs)
8
A
IO
Output Peak Current (repetitive f > 10Hz)
6
A
Ptot
Power Dissipation Tcase =70
°C86
W
Tstg,Tj
Storage and Junction Temperature
-55 to 150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1
°C/W
D94AU173A
TAB
PW GND RR
OUT RR-
ST-BY
OUT RR+
VCC1
OUT RF-
PW GND RF
OUT RF+
SVR
IN RF
IN RR
S GND
IN LR
IN LF
STD/HEFF
OUT LF+
PW GND LF
OUT LF-
VCC2
OUT LR+
MUTE
OUT LR-
PW GND LR
CD
1
25
2
3
4
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
22
23
24
PIN CONNECTION (Top view)
TDA7454
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com