Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7454 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7454
Description  4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7454 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7454 Datasheet HTML 1Page - STMicroelectronics TDA7454 Datasheet HTML 2Page - STMicroelectronics TDA7454 Datasheet HTML 3Page - STMicroelectronics TDA7454 Datasheet HTML 4Page - STMicroelectronics TDA7454 Datasheet HTML 5Page - STMicroelectronics TDA7454 Datasheet HTML 6Page - STMicroelectronics TDA7454 Datasheet HTML 7Page - STMicroelectronics TDA7454 Datasheet HTML 8Page - STMicroelectronics TDA7454 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit VS = 14.4V; RL =4
Ω; f = 1KHz;
Tamb =25
°C, unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
8
18
V
Id
Total Quiescent Drain Current
60
140
250
mA
Po
Output Power
THD = 10%
THD = 1%
THD = 10% RL = 2
Ω;
THD = 1% RL =2
Ω;
23
18
40
28
25
20
42
30
W
W
W
W
Po EIAJ
EIAJ Output Power (*)
Vs = 13.7V
Vs = 13.7V, RL = 2
Ω
32
50
35
52
W
W
Po max.
Max. Output Power (*)
Vs = 14.4V
Vs = 14.4V, RL = 2
Ω
38
55
40
60
W
W
THD
Total harmonic distortion
PO = 1W to 10W; STD MODE
PO = 1W; HE MODE
PO = 10W; HE MODE
0.03
0.04
0.1
0.3
0.3
0.5
%
%
%
RL =2
Ω; HE MODE; PO =3W
RL =2
Ω; HE MODE; PO = 15W
0.06
0.15
0.3
0.5
%
%
CT
Cross Talk
f = 1KHz to 10KHz
45
55
dB
RIN
Input Impedance
11
15
19
K
Ω
GV
Voltage Gain
25
26
27
dB
∆GV
Voltage Gain Match
1
dB
EIN
Output Noise Voltage
Rg = 600
Ω
100
150
mV
SVR
Supply Voltage Rejection
f = 300Hz; Vr = 1Vrms;
Rg = 0 to 100
Ω;
45
52
dB
BW
Power Bandwidth
(–3dB)
75
KHz
ASB
Stand-by Attenuation
90
100
dB
Vsb IN
Stand-by in Threshold
1.5
V
Vsb OUT
Stand-by out Threshold
3.5
V
Isb
Stand-by Current Consumption
100
µA
AM
Mute Attenuation
80
90
dB
VMIN
Mute in Thereshold
1.5
V
VM OUT
Mute out Threshold
3.5
V
IM
Mute pin Current (Sourced)
V = 0 to VS
VS max = 18V
-10
1
10
µA
Mode Select Switch
Standard BTL Mode Op. (Vpin16)
Open
High Efficiency Mode (Vpin 16)
0.5
V
CD
Clip Det. out Current
(Pull up to 5V with 10K
Ω)
CD off: POmin = 10W
CD on: THD = 5%
150
5
µA
µA
(*) Saturated square wave output.
TDA7454
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com