Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7476 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7476 Datasheet HTML 1Page - STMicroelectronics TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
I
2C
INTERFACE
ADD
DIG-GND
SCL
SDA
AUX1
AUX2
RSENS1
RSENS2
D96AU499A
CH5
CH4
CH3
CH2
CH1
CURRENT
FORCING
&
COMPARATORS
DELAY
VOLTAGE REGULATOR
&
TEST SIGNAL GENERATOR
OUT
IN
IN
OUT
RCS
CT
W
ST-BY
SW1
C2
100nF
5V
REF
VS
12
2
3
4
5
11
10
14
13
19
8
7
6
15
16
17
18
19
20
21
22
23
24
C3
10
µF
R3
10K
Ω
R4
10K
Ω
R5 51
Ω
C1
10
∝F
BLOCK DIAGRAM
THERMAL DATA
Symbol
Parameter
Value
Unit
RTh j-amb
Thermal resistance junction to ambient
Max.
85
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
Vs
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage t = 50ms
40
V
Ptot
Total Power Dissipation Tcase = 25
°C
1.5
W
Tstg;Tj
Storage and Junction Temperature
-40 to 150
°C
VSB
Stand-by Pin Voltage
6
V
VSDA
SDA Pin Voltage
6
V
VSCL
SCL Pin Voltage
6
V
VADD
ADD Pin Voltage
6
V
ELECTRICAL CHARACTERISTICS (Vs = 14.4V; Tamb =25
°;RL =4Ω, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSBIN
Stand-By IN Threshold
1.5
V
VSBOUT
Stand-By OUT Threshold
3.5
V
ISB
Stand-By Current Consumption
Stand-By Voltage Pin = 1.5V
100
µA
Iq
Total Quiescent Current
Total quiescent Current with
TDA7476 not addressed
5mA
TDA7476
2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com