Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7476 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7476
Description  CAR RADIO DIAGNOSTIC PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7476 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7476 Datasheet HTML 1Page - STMicroelectronics TDA7476 Datasheet HTML 2Page - STMicroelectronics TDA7476 Datasheet HTML 3Page - STMicroelectronics TDA7476 Datasheet HTML 4Page - STMicroelectronics TDA7476 Datasheet HTML 5Page - STMicroelectronics TDA7476 Datasheet HTML 6Page - STMicroelectronics TDA7476 Datasheet HTML 7Page - STMicroelectronics TDA7476 Datasheet HTML 8Page - STMicroelectronics TDA7476 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
AUX INPUTS - PERMANENT DIAGNOSTIC
Agnd
Short to GND det. (above this
limit, the Audio Output is
considered in Short Circuit to
Vs) This condition must be true
for a time higher than Tdel
High side driver ON
0.75
V
Aol
Open load det. (voltage across
the sensing resistor. Below this
limit the Aux pin is considered in
Open Load condition)
This condition must be true for a
time higher than Tdel
0.085
V
Anop
Normal Operation det. (Voltage
across the sensing resistor.
Within these limits the load
resistance connected to the Aux
pin is considered correct)
0.125
0.5
V
PERMANENT DIAGNOSTIC - ACQUISITION TIME DELAY
Tdel
Acquisition time delay - The
fault is considered true if the
fault condition are present for
more than Tdel without
interruption
2s
PERMANENT DIAGNOSTIC - WARNING PIN
Vsat
Saturation voltage on pin 5
Sink Current at Pin 5 = 1mA
1
V
ADDRESS SELECT
VADD
Voltage on pin 4
Address 0100010X
1.5
V
Address 0100011X
3
5
V
I
2C BUS INTERFACE
fSCL
Clock Frequency
400
KHz
VIL
Input Low Voltage
1.5
V
VIH
InputHigh Voltage
3
V
VSAT
Sat Voltage at pin 2
Sink Current at Pin 2 = 5mA
1.5
V
ELECTRICAL CHARACTERISTICS (continued)
WORKING PRINCIPLES
Turn-on diagnostic - CH1, CH2, CH3, CH4, CH5 - Shorted load/open load detection
To detect a short across the load or an open load, a subsonic current pulse is generated. The infor-
mation related to the status of the outputs are measured and memorized at the top of the current
pulse (tm in fig.1). The current is sourced by the positive pins (CH1+,...CH5+) and it is sunk by the
corresponding negative pins (CH1-,...CH5-).
Isink and Isource are depending on the external resistor Rcs. The minimum allowed value for Rcs is
1.65KOhm. The relationship among Isink, Isource and Rcs is the following:
Isink = (3.3/Rcs) x 11
Isource = 1.5 x Isink
tm
ts
t(ms)
ISOURCE
ISINK
I(mA)
D97AU571
Figure 1.
TDA7476
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com