Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8214B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA8214B
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214B Datasheet(HTML) 7 Page - STMicroelectronics

  TDA8214B Datasheet HTML 1Page - STMicroelectronics TDA8214B Datasheet HTML 2Page - STMicroelectronics TDA8214B Datasheet HTML 3Page - STMicroelectronics TDA8214B Datasheet HTML 4Page - STMicroelectronics TDA8214B Datasheet HTML 5Page - STMicroelectronics TDA8214B Datasheet HTML 6Page - STMicroelectronics TDA8214B Datasheet HTML 7Page - STMicroelectronics TDA8214B Datasheet HTML 8Page - STMicroelectronics TDA8214B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Vcc1
2
To frame amplifier
Frame
sync pulse
INPUT CURRENT
COMPENSATION
Figure 6 : Frame Oscillator
Frame output amplifier
This amplifier is able to drive directly the frame
yoke. Its output is short circuit and overload pro-
tected; it contains also a thermal protection.
The frame blanking is detected by the frame fly-
back generator. When the output voltage of the
frame amplifier exceeds VCC2-2VBE, the pulse is
detected. The line flyback detection is provided by
a comparator which compares the input line flyback
pulse to an internal reference. The burst gate pulse
position is fixed by the external RC network
(Pin 14). It is referenced to the middle of the line
flyback.
This stage will detect the coincidence between the
line sync pulse (if present) and a 2
µs sampling
pulse. This 2
µs pulse is positionned at the center
of line sync pulse when the phase loop is locked.
This sampled detection is stored by an external
capacitor Pin 8.
The identification output level is high when video
signal is present.
Important remark : minimum saw-tooth amplitude
on Pin 13 has to be 2VPP (typ. : 2.5VPP).
Vcc1
18
19
10
14
Line
Flyback
Input
Frame
Output
YOKE
Vcc1
RC
SSC
Output
RC
Network
Σ
400 µ A
Line
Flyback
Detection
Frame
Blanking
Detection
Burst gate
pulse
generator
Figure 7 : Super Sandcastle Generator
TDA8214B
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com