Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8214B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8214B
Description  HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8214B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8214B Datasheet HTML 1Page - STMicroelectronics TDA8214B Datasheet HTML 2Page - STMicroelectronics TDA8214B Datasheet HTML 3Page - STMicroelectronics TDA8214B Datasheet HTML 4Page - STMicroelectronics TDA8214B Datasheet HTML 5Page - STMicroelectronics TDA8214B Datasheet HTML 6Page - STMicroelectronics TDA8214B Datasheet HTML 7Page - STMicroelectronics TDA8214B Datasheet HTML 8Page - STMicroelectronics TDA8214B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA8214B
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FRAME OSCILLATOR
FRAME FLYBACK GENERATOR
GROUND
GROUND
POWER AMPLIFIER INPUT
FRAME POWER SUPPLY
FRAME OUTPUT
LINE OSCILLATOR
PHASE DETECTOR
LINE SAWTOOTH INPUT
RC NETWORK
GROUND
GROUND
SUPER SANDCASTLE OUTPUT
VIDEO INPUT
VCC1
VCC2
LINE OUTPUT
LINE FLYBACK INPUT
VIDEO IDENTIFICATION OUTPUT
PIN CONNECTIONS
POWERDIP 16 + 2 + 2
(Plastic Package)
ORDER CODE : TDA8214B
.
DIRECT FRAME-YOKE DRIVE (
± 1A)
.
COMPOSITE VIDEO SIGNAL INPUT CAPA-
BILITY
.
FRAME OUTPUT PROTECTION AGAINST
SHORT CIRCUITS
.
PLL
.
VIDEO IDENTIFICATION CIRCUIT
.
SUPER SANDCASTLE OUTPUT
.
VERY FEW EXTERNAL COMPONENTS
.
VERY LOW COST POWER PACKAGE
DESCRIPTION
The TDA8214B is an horizontal and vertical deflec-
tion circuit with super sandcastle generator and
video identification output. Used with TDA8213
(Video & Sound IF system) and TDA8217 (Pal
decoder and video processor), this IC permits a
complete low-cost solution for PAL applications.
1/9


Similar Part No. - TDA8214B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8213 STMICROELECTRONICS-TDA8213 Datasheet
131Kb / 8P
VIDEO & SOUND IF SYSTEM
Oct-1993
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
PAL DECODER AND VIDEO PROCESSOR
Apr-1996
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
PAL/NTSC DECODER AND VIDEO PROCESSOR
Apr-1996
More results

Similar Description - TDA8214B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
STMicroelectronics
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
Sep-1993
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
Sep-1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
logo
Integral Corp.
ILA3654 INTEGRAL-ILA3654 Datasheet
173Kb / 3P
VERTICAL DEFLECTION AND GUARD CIRCUIT
logo
STMicroelectronics
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
Horizontal and vertical deflection monitor
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com