Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109N Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 16Page - STMicroelectronics TDA9109N Datasheet HTML 17Page - STMicroelectronics TDA9109N Datasheet HTML 18Page - STMicroelectronics TDA9109N Datasheet HTML 19Page - STMicroelectronics TDA9109N Datasheet HTML 20Page - STMicroelectronics TDA9109N Datasheet HTML 21Page - STMicroelectronics TDA9109N Datasheet HTML 22Page - STMicroelectronics TDA9109N Datasheet HTML 23Page - STMicroelectronics TDA9109N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
OPERATING DESCRIPTION (continued)
H-DRIVE
26
VCC
Figure 13
II.4 - Output Section
The H-drive signal is sent to the output through a
shaping stage which also controls the H-drive duty
cycle (I
2C adjustable) (see Figure 11). In order to
secure the scanning power part operation, the
output is inhibited in the following cases :
- when VCC or VDD are too low,
- when the XRAY protection is activated,
- during the Horizontal flyback,
- when the HDrive I
2C bit control is off.
The output stage consists of a NPN bipolar
transistor. Only the collector is accessible
(see Figure 13 ).
This output stage is intended for ”reverse” base
control, where setting the output NPN in off-state
will control the power scanning transistor in off-
state (see Application Diagram).
BOUT
HORIZONTAL
OUTPUT
INHIBITION
VERTICAL
OUTPUT
INHIBITION
S
R
Q
Horizontal Flyback
0.7V
XRAY Protection
V
CC Checking
V
CC
V
CC off or I
2
C Reset
XRAY
VSCinh
I2C Drive on/off
I2C Ramp on/off
Figure 14 : Safety Functions Block Diagram
The maximum output current is 30mA, and the
corresponding voltage drop of the output VCEsat is
0.4V Max.
Obviously the power scanning transistor cannot be
directly driven by the integrated circuit. An interface
has to be added between the circuit and the power
transistor either of bipolar or MOS type.
II.5 - X-RAY Protection
The X-Ray protection is activated by application of
a high level on the X-Ray input (8V on Pin 25).
It inhibits the H-Drive and B+ outputs.
This protection is latched ; it may be reset either by
VCC switch off or by I
2C (see Figure 14).
II.6 - Horizontal and Vertical Dynamic Focus
The TDA9109/N delivers a horizontal parabola
which is added on a vertical parabola waveform on
Pin 10. This horizontal parabola comes from a
sawtooth in phase with flyback pulse middle.This
sawtooth is present on Pin 9 where the horizontal
focus capacitor should be the same as C0 to obtain
the correct amplitude (from 2 to 4.7V typically).
Symmetry and amplitude are I
2C adjustable
(see Figure 15). The vertical dynamic focus is
tracked with VPOSand VAMP.Its amplitudecan be
adjusted. It is also affected by S and C corrections.
This positive signal once amplified is to be sent to
the CRT focusing grids.
TDA9109/N
20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com