Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109N Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA9109N Datasheet HTML 18Page - STMicroelectronics TDA9109N Datasheet HTML 19Page - STMicroelectronics TDA9109N Datasheet HTML 20Page - STMicroelectronics TDA9109N Datasheet HTML 21Page - STMicroelectronics TDA9109N Datasheet HTML 22Page - STMicroelectronics TDA9109N Datasheet HTML 23Page - STMicroelectronics TDA9109N Datasheet HTML 24Page - STMicroelectronics TDA9109N Datasheet HTML 25Page - STMicroelectronics TDA9109N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
OPERATING DESCRIPTION (continued)
23 VOUT
18 BREATH
VERT_AMP
SUB05/7bits
VMOIRE
SUB0C/5bits
VPOSITION
SUB06/7bits
22
20
SYNCHRO
OSCILLATOR
2
OSC
CAP
DISCH.
VSYNCIN
POLARITY
SAMPLING
SAMPLING
CAPACITANCE
Vlow
Sawth.
Disch.
REF
TRANSCONDUCTANCE
AMPLIFIER
CHARGE CURRENT
VS_AMP
SUB07/6bits
COR_C
SUB08/6bits
S CORRECTION
C CORRECTION
Figure 16 : AGC Loop Block Diagram
III.4 - Basic Equations
In first approximation, the amplitude of the ramp on
Pin 23 (VOUT) is :
VOUT - VPOS = (VOSC -VDCMID)
⋅ (1 + 0.25 (VAMP))
with :
-VDCMID = 7/16
⋅ VREF (middle value of the ramp
on Pin 22, typically 3.5V)
-VOSC =V22 (ramp with fixed amplitude)
-VAMP = -1 for minimum vertical amplitude register
value and +1 for maximum
- VPOS is calculated by : VPOS = VDCMID + 0.3 VP
with VP equals -1 for minimum vertical position
register value and +1 for maximum
The current available on Pin 22 is :
IOSC
=
3
8
⋅ VREF ⋅ COSC ⋅ f
with : COSC : capacitor connected on Pin 22 and
f : synchronization frequency.
III.5 - Geometric Corrections
The principle is represented in Figure 17.
Starting from the vertical ramp, a parabola-shaped
current is generatedfor E/W correction (also known
as Pin Cushion correction), dynamic horizontal
phase control correction, and vertical dynamic Fo-
cus correction.
The parabola generator is made by an analog
multiplier, the output current of which is equal to :
DI = k
⋅ (VOUT -VDCMID)2
where VOUT is the vertical output ramp (typi-
cally between 2 and 5V) and VDCMID is 3.5V (for
VREF-V =8V).
The VOUT sawtooth is typically centered on 3.5V.
By changing the vertical position, the sawtooth
shifts by
±0.3V.
In order to have good screen geometry for any end
user adjustment, the TDA9109/N has the ”geome-
try tracking” feature, which allows generation of a
dissymetric parabola depending on the vertical
position.
Due to the large output stage voltage range (E/W,
Keystone), the combination of tracking function
with maximum vertical amplitude, maximum or
minimum vertical position and maximum gain on
the DAC control may lead to the output stage
saturation. This must be avoided by limiting the
output voltage with apropriate I
2C registers values.
TDA9109/N
22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com