| Electronic Components Datasheet Search |
|
TDA9113 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9113 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 50 page ![]() TDA9113 35/50 Figure 13. EWOut output waveforms 9.6 - DYNAMIC CORRECTION OUTPUTS SECTION 9.6.1 - Horizontal dynamic correction output HDyCor A parabolic waveform at horizontal frequency is output on pin HDyCor. It can be adjusted in ampli- tude and phase ( HDC-AMP and HDC-SYM I2C bus controls). See also I2C BUS CONTROL REG- ISTER MAP on page 22. The minimum value in horizontal parabola amplitude I2C bus control does not correspond to null horizontal amplitude. Refer to Figure 14. The phase of the parabola can roughly be adjusted via HDyCorPh I2C bus bit to coincide either with the beginning or the middle of the H-flyback pulse. Moreover, its centre can be offset via HDC-SYM I 2C bus control. There is a flat part of a quasi-constant length at the beginning of the parabola. Refer to electrical specifications for values. The parabola tracks with value in HSIZE control and is horizontal breathing compensated if HDy- CorTr I2C bit is set to 1 (0 by default). 9.6.2 - Vertical dynamic correction output VDyCor A parabola at vertical deflection frequency is avail- able on pin VDyCor. Its amplitude is adjustable via VDC-AMP I2C bus control and polarity controlled via VDyCorPol I2C bus bit. It tracks with real verti- cal amplitude and position (including breathing compensation). It is also affected by C- and S-cor- rections. The use of both correction waveforms is up to the application (e.g. dynamic focus). Keystone PCC Top Bott om Corners Vertical sawtooth alone alone tVR V(VCap) 0 TVR TVR TVR 0 0 V(EWOut) alone VEW-PCC VEW-TCor VEW-BCor VEW-Key VEW-DC V(HEHT) VRefO VHEHT(min) HSIZE (I2C) min im um med ium maxim um VEW(min) VEW(max) Vertical sawtooth tVR V(VCap) 0 TVR TVR TVR 0 0 VRefO VHEHT(min) Breathing compensation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |