Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR40H45CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR40H45CT
Description  Dual Common-Cathode Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR40H45CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR40H45CT Datasheet HTML 1Page - Vishay Siliconix MBR40H45CT Datasheet HTML 2Page - Vishay Siliconix MBR40H45CT Datasheet HTML 3Page - Vishay Siliconix MBR40H45CT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
MBR40H35CT thru MBR40H60CT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88920
Revision: 19-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise specified)
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL MBR40H35CT MBR40H45CT MBR40H50CT MBR40H60CT UNIT
Maximum instantaneous
forward voltage per diode (1)
IF = 20 A
IF = 20 A
IF = 40 A
IF = 40 A
TJ = 25 °C
TJ = 125 °C
TJ = 25 °C
TJ = 125 °C
VF
0.64
0.55
0.76
0.70
0.68
0.60
0.83
0.73
V
Maximum instantaneous
reverse current per diode (2)
rated VR
TJ = 25 °C
TJ = 125 °C
IR
100
15
µA
mA
Typical junction
capacitance
4.0 V, 1 MHz per diode
CJ
1200
920
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL MBR40H35CT MBR40H45CT MBR40H50CT MBR40H60CT UNIT
Thermal resistance, junction to case per diode
RθJC
1.8
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR40H45CT-E3/45
1.58
45
50/tube
Tube
Figure 1. Forward Derating Curve Per Diode
0
10
20
30
40
50
200
25
50
75
100
125
150
175
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT
Case Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
50
400
300
250
200
150
100
100
10
1
350
Number of Cycles at 60 Hz
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com