Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR40H45CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR40H45CT
Description  Dual Common-Cathode Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR40H45CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR40H45CT Datasheet HTML 1Page - Vishay Siliconix MBR40H45CT Datasheet HTML 2Page - Vishay Siliconix MBR40H45CT Datasheet HTML 3Page - Vishay Siliconix MBR40H45CT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
MBR40H35CT thru MBR40H60CT
Vishay General Semiconductor
Document Number: 88920
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
100
10
0.1
1
Instantaneous Forward Voltage (V)
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT
0.1
1
10
100
1000
10 000
100 000
1 000 000
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
20
30
40
50
60
70
80
90
100
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT
0.01
10
0.1
0.1
1
10
100
1
t - Pulse Duration (s)
MBR40H35CT - MBR40H45CT
MBR40H50CT - MBR40H60CT
TO-220AB
0.398 (10.10)
0.382 (9.70)
0.055 (1.40)
0.047 (1.20)
0.343 (8.70)
TYP.
0.067 (1.70)
TYP.
0.331 (8.40)
TYP.
0.150 (3.80)
0.139 (3.54)
DIA.
0.114 (2.90)
0.106 (2.70)
0.634 (16.10)
0.618 (15.70)
PIN
2
3
1
0.118 (3.00)
TYP.
0.035 (0.90)
0.028 (0.70)
0.064 (1.62)
0.056 (1.42)
0.200 (5.08) TYP.
0.100 (2.54)
TYP.
0.638 (16.20)
0.598 (15.20)
0.055 (1.40)
0.049 (1.25)
0.185 (4.70)
0.169 (4.30)
0.154 (3.90)
0.138 (3.50)
0.370 (9.40)
0.354 (9.00)
0.523 (13.28)
0.507 (12.88)
0.102 (2.60)
0.087 (2.20)
1.161 (29.48)
1.106 (28.08)
0.024 (0.60)
0.018 (0.45)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com