Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFCP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VFCP
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP Datasheet(HTML) 1 Page - Vishay Siliconix

  VFCP Datasheet HTML 1Page - Vishay Siliconix VFCP Datasheet HTML 2Page - Vishay Siliconix VFCP Datasheet HTML 3Page - Vishay Siliconix VFCP Datasheet HTML 4Page - Vishay Siliconix VFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63106
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 28-Jun-07
1
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
Any value at tolerance available within resistance range
INTRODUCTION
One of the most important parameters influencing stability is
the Temperature Coefficient of Resistance (TCR). Although
the TCR of Bulk Metal® Foil resistors is considered extremely
low, this characteristic has been further refined over the
years.
The VFCP Series utilizes ultra precision Bulk Metal® Z-Foil.
The Z-Foil technology provides a significant reduction to the
resistive element’s sensitivity to ambient temperature
variations (TCR) and to self heating when power is applied
(power coefficient).
Along with the inherently low PCR and TCR, Z-Foil
technology also provides remarkably improved load life
stablility, low noise and availability of tight tolerance.
The Flip Chip configuration provides a substantial PCB
space saving of more than 35 % vs. a surface mount chip
with wraparound terminations. The VFCP is available in any
value within the specified resistance range.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature Coefficient of Resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+
25 °C Ref.)
• Tolerance: to ± 0.01 % (100 ppm)
• Power Coefficient “ΔR due to self heating”
5 ppm at Rated Power
• Load Life Stability (70 °C for 2000 hours):
± 0.005 % (50 ppm)
• Power Rating to: 600 mW at + 70 °C
• Electrostatic Discharge (ESD) above 25 000 V
• Resistance Range: 10Ω to 150 kΩ (for lower and higher
values, please contact us)
• Non Inductive, Non Capacitive Design
• Short time overload ≤ 0.005 % (50 ppm)
• Non hot spot design
• Rise time: 1ns without ringing
• Current Noise: - 40 dB
• Voltage Coefficient < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead Alloy
• Matched sets are available per request
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
• For better performances please contact us
APPLICATIONS
• Automatic Test Equipment (ATE)
• High Precision Instrumentation
• Laboratory, Industrial and Medical
• Audio
• EB Applications (electron beam scanning and recording
equipment, electron microscopes)
• Military and Space
• Airborne
• Down Hole instrumentation
• Communication
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - TOLERANCE AND TCR VS
RESISTANCE VALUE
RESISTANCEVALUE
(
Ω)
TOLERANCE
(%)
TYPICAL TCR AND
MAX. SPREAD
(- 55 °C to + 125 °C,
+ 25 °C Ref.)
250 to 150K
± 0.01
± 0.2 ± 1.6
100 to < 250
± 0.02
± 0.2 ± 1.6
50 to < 100
± 0.05
± 0.2 ± 1.8
25 to < 50
± 0.1
± 0.2 ± 2.8
10 to < 25
± 0.25
± 0.2 ± 2.8
Bottom View
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C


Similar Part No. - VFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP VISHAY-VFCP Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP080510K000TCR0.2ABT VISHAY-VFCP080510K000TCR0.2ABT Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP080510K000TCR0.2ABW VISHAY-VFCP080510K000TCR0.2ABW Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP080510K000TCR0.2AST VISHAY-VFCP080510K000TCR0.2AST Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP080510K000TCR0.2ASW VISHAY-VFCP080510K000TCR0.2ASW Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
More results

Similar Description - VFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com