Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFCP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFCP
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP Datasheet(HTML) 2 Page - Vishay Siliconix

  VFCP Datasheet HTML 1Page - Vishay Siliconix VFCP Datasheet HTML 2Page - Vishay Siliconix VFCP Datasheet HTML 3Page - Vishay Siliconix VFCP Datasheet HTML 4Page - Vishay Siliconix VFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63106
2
Revision: 28-Jun-07
Note
• For VFCP0805, VFCP1506, VFCP2010 and VFCP2512 DSCC Drawings, please contact foil@vishay.com
Note
1. As shown + 0.01 W to allow for measurement errors at low values.
TABLE 2 - DSCC SPECIFICATIONS (Vishay resistors are listed on the following DSCC specifications)
MODEL
DSCC
MIL SPEC
VFCP1206
2009
MIL-PRF-55342
FIGURE 2 -TRIMMING TO VALUES (Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - SPECIFICATIONS
CHIP
SIZE
RATED
POWER
(mW)
at + 70 °C
MAXIMUM
VOLTAGE
RATING
(
≤
)
RESISTANCE
RANGE (
Ω)
MAXIMUM
WEIGHT
(mg)
0805
100 mW
34 V
10 to 12K
5.2
1206
250 mW
86 V
10 to 30K
10.3
1506
300 mW
109 V
10 to 40K
12
2010
400 mW
200 V
10 to 100K
25
2512
600 mW
220 V
10 to 150K
35
PR
×
TABLE 4 - LOAD LIFE STABILITY
(+ 70 °C FOR 2000 HOURS)
CHIP SIZE
MAXIMUM
ΔR LIMITS
0805
± 0.005 % at 50 mW
± 0.01 % at 100 mW
1206
± 0.005 % at 150 mW
± 0.01 % at 250 mW
1506
± 0.005 % at 150 mW
± 0.01 % at 300 mW
2010
± 0.005 % at 200mW
± 0.01 % at 400 mW
2512
± 0.005 % at 500 mW
± 0.01 % at 600 mW
TABLE 5 - PERFORMANCES
TEST OR CONDITION
MIL-PRF-55342
CHARACTERISTIC E
ΔR LIMITS
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS1)
Thermal Shock
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Low Temperature Operation
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Short Time Overload
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
High Temperature Exposure
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.005 % (50 ppm)
± 0.015 % (150 ppm)
Moisture Resistance
± 0.2 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
Load Life Stability + 70 °C for 2000 hours
at Rated Power
± 0.5 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com