Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9714-EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9714-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714-EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9714-EBZ Datasheet HTML 1Page - Analog Devices AD9714-EBZ Datasheet HTML 2Page - Analog Devices AD9714-EBZ Datasheet HTML 3Page - Analog Devices AD9714-EBZ Datasheet HTML 4Page - Analog Devices AD9714-EBZ Datasheet HTML 5Page - Analog Devices AD9714-EBZ Datasheet HTML 6Page - Analog Devices AD9714-EBZ Datasheet HTML 7Page - Analog Devices AD9714-EBZ Datasheet HTML 8Page - Analog Devices AD9714-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, DVDDIO = 3.3 V, CVDD = 3.3 V, IOUTFS = 2 mA, maximum sample rate, unless
otherwise noted.
Table 1.
Parameter
AD9714
AD9715
AD9716
AD9717
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
8
10
12
14
Bits
ACCURACY @ 3.3 V
Differential Nonlinearity (DNL)
Precalibration
±0.02
±0.08
±0.4
±1.7
LSB
Postcalibration
±0.003
±0.01
±0.2
±1.0
LSB
Integral Nonlinearity (INL)
Precalibration
±0.025
±0.13
±0.4
±1.8
LSB
Postcalibration
±0.01
±0.05
±0.3
±1.3
LSB
ACCURACY @ 1.8 V
Differential Nonlinearity (DNL)
Precalibration
±0.02
±0.08
±0.4
±1.2
LSB
Postcalibration
±0.005
±0.01
±0.2
±1.0
LSB
Integral Nonlinearity (INL)
Precalibration
±0.025
±0.12
±0.4
±1.5
LSB
Postcalibration
±0.02
±0.05
±0.25
±1.1
LSB
MAIN DAC OUTPUTS
Offset Error
−1
0
+1
−1
0
+1
−1
0
+1
−1
0
+1
mV
Gain Error
Internal Reference
−2
+2
−2
+2
−2
+2
−2
+2
% of FSR
Full-Scale Output Current1
VCC = 3.3 V
1
2
4
1
2
4
1
2
4
1
2
4
mA
VCC = 1.8 V
1
2
2.5
1
2
2.5
1
2
2.5
1
2
2.5
mA
Output Compliance Range
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
−0.5
0
+1.2
V
Output Resistance
200
200
200
200
MΩ
Crosstalk, Q DAC to I DAC
fOUT = 30 MHz
97
97
97
97
dB
fOUT = 60 MHz
78
78
78
78
dB
MAIN DAC TEMPERATURE DRIFT
Offset
0
0
0
0
ppm/°C
Gain
±40
±40
±40
±40
ppm/°C
Reference Voltage
±25
±25
±25
±25
ppm/°C
AUXDAC OUTPUTS
Resolution
10
10
10
10
Bits
Full-Scale Output Current
(Current Sourcing Mode)
125
125
125
125
μA
Voltage Output Mode
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
V
Output Compliance Range
(Sourcing 1 mA)
VSS
VDD −
0.25
VSS
VDD −
0.25
VSS
VDD −
0.25
VSS
VDD −
0.25
V
Output Compliance Range
(Sinking 1 mA)
VSS +
0.25
VDD
VSS +
0.25
VDD
VSS +
0.25
VDD
VSS +
0.25
VDD
V
Output Resistance in Current
Output Mode VSS to +1 V
1
1
1
1
MΩ
AUX DAC Monotonicity
Guaranteed
10
10
10
10
Bits
REFERENCE OUTPUT
Internal Reference Voltage
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
0.98
1.025
1.08
V
Output Resistance
10
10
10
10
kΩ
REFERENCE INPUT
Voltage Compliance
0.1
1.25
0.1
1.25
0.1
1.25
0.1
1.25
V
Input Resistance
1
1
1
1
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com