Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9714-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9714-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9714-EBZ Datasheet HTML 4Page - Analog Devices AD9714-EBZ Datasheet HTML 5Page - Analog Devices AD9714-EBZ Datasheet HTML 6Page - Analog Devices AD9714-EBZ Datasheet HTML 7Page - Analog Devices AD9714-EBZ Datasheet HTML 8Page - Analog Devices AD9714-EBZ Datasheet HTML 9Page - Analog Devices AD9714-EBZ Datasheet HTML 10Page - Analog Devices AD9714-EBZ Datasheet HTML 11Page - Analog Devices AD9714-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
AVDD, DVDDIO, CVDD to AVSS, DVSS, CVSS
−0.3 V to +3.9 V
DVDD to DVSS
−0.3 V to +2.1 V
AVSS to DVSS, CVSS
−0.3 V to +0.3 V
DVSS to AVSS, CVSS
−0.3 V to +0.3 V
CVSS to AVSS, DVSS
−0.3 V to +0.3 V
VREF, FSADJQ, FSADJI, CMLQ, CMLI to AVSS
−0.3 V to AVDD + 0.3 V
QOUTP, QOUTN, IOUTP, IOUTN, RLQP, RLQN,
RLIP, RLIN to AVSS
−1.0 V to AVDD + 0.3 V
D13 to D0,
CS, SCLK, SDIO, SDO, RESET to DVSS
−0.3 V to DVDD + 0.3 V
CLKIN to CVSS
−0.3 V to CVDD + 0.3 V
CS, SCLK, SDIO, SDO to DVSS
–0.3 V to DVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6.
Package Type
θJA
Unit
40-Lead LFCSP (With No Airflow Movement)
29.8
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com