Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV3200ASWZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 26Page - Analog Devices ADV3200ASWZ Datasheet HTML 27Page - Analog Devices ADV3200ASWZ Datasheet HTML 28Page - Analog Devices ADV3200ASWZ Datasheet HTML 29Page - Analog Devices ADV3200ASWZ Datasheet HTML 30Page - Analog Devices ADV3200ASWZ Datasheet HTML 31Page - Analog Devices ADV3200ASWZ Datasheet HTML 32Page - Analog Devices ADV3200ASWZ Datasheet HTML 33Page - Analog Devices ADV3200ASWZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 30 of 3
6
Sync-Tip Clamp for AC-Coupled Inputs
The ADV3200/ADV3201 sync-tip clamp, when enabled, clamps
the most negative voltage of the video to equal VCLAMP. This
provides the correct dc level to the crosspoint switch and
ensures that, regardless of average picture level, the dynamic
range requirement is only the maximum input signal swing.
A basic method for ac coupling the input is to provide a series
capacitor at the input of the ADV3200/ADV3201. If a termina-
tion is provided, locate it before the series coupling capacitor.
Place the series coupling capacitor as close to the input pin as
possible.
It is important to choose the correct value for the ac coupling
capacitor at the input to the ADV3200/ADV3201. Too small a
value generates unacceptable droop as shown in Figure 100.
Using a large enough value, such as a 100 nF ac coupling
capacitor, prevents this droop, as shown in Figure 101.
The sync-tip clamp is enabled or disabled by the sync-tip clamp
enable bit in the 193-bit word used to serially program the
ADV3200/ADV3201. The sync-tip clamp enable bit turns the
clamp function on or off for all channels; there is no clamp
on/off control for individual channels. The sync-tip clamp
function works only with signals that contain sync-tips, such as
composite video. Signals that do not have sync-tips appear
distorted if they are run through the clamp function.
The range of VCLAMP is −1 V to +0.3 V for the ADV3200
at ±2.5 V operation, and −0.5 V to +0.3 V for the ADV3201
at ±3.3 V operation. If driving VCLAMP externally, refer to
Figure 14 for the input circuitry. Note that the VCLAMP pin
has a 6 kΩ resistor tied to an on-chip VREF buffered voltage
and a 50 μA current source that sets VCLAMP nominally to
300 mV below VREF. It is recommended that bypassing be
added on the VCLAMP pin, because noise and offsets can be
injected through this pin.
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
0
10
20
30
4050
60
7080
90
100
TIME (µs)
Figure 100. Video Signal with a 1 nF AC Coupling Capacitor
0.2
0.1
0
–0.1
–0.2
–0.3
0
10
20
30
4050
60
7080
90
100
TIME (µs)
Figure 101. Video Signal with a 100 nF AC Coupling Capacitor
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0
–0.1
–0.2
–0.3
0
10
20
30
4050
60
7080
90
100
TIME (µs)
VREF = 0V
VCLAMP
Figure 102. Input Video Signal into Sync-Tip Clamp
0
0.1
0.2
0.3
0.4
0.5
–0.1
–0.2
–0.3
–0.4
–0.5
0
10
20
30
4050
60
7080
90
100
TIME (µs)
VREF = 0V
VCLAMP = –0.5V
Figure 103. AC-Coupled Video Through ADV3201, Sync-Tip Clamp Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com