Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV3200ASWZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV3200ASWZ Datasheet HTML 10Page - Analog Devices ADV3200ASWZ Datasheet HTML 11Page - Analog Devices ADV3200ASWZ Datasheet HTML 12Page - Analog Devices ADV3200ASWZ Datasheet HTML 13Page - Analog Devices ADV3200ASWZ Datasheet HTML 14Page - Analog Devices ADV3200ASWZ Datasheet HTML 15Page - Analog Devices ADV3200ASWZ Datasheet HTML 16Page - Analog Devices ADV3200ASWZ Datasheet HTML 17Page - Analog Devices ADV3200ASWZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 14 of
36
600
500
400
300
200
100
0
354
362
370
378
386
394
FREQUENCY (MHz)
Figure 23. ADV3200 −3 dB Bandwidth Histogram, One Device,
All 1024 Channels
425
400
375
500
475
450
350
325
300
NUMBER OF ENABLED CHANNELS
Figure 24. ADV3200 Small Signal Bandwidth vs. Enabled Channels
0
–10
–20
–30
–40
–50
–60
–70
–80
0.1
1
10
100
FREQUENCY (MHz)
VNEG
VPOS
Figure 25. ADV3200 Power Supply Rejection
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
Figure 26. ADV3200 Output Noise
140
120
100
80
60
40
20
0
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
Figure 27. ADV3200 OSD Output Noise
–20
0
–40
–60
–80
–100
–10
–30
–50
–70
–90
1
10
100
1k
FREQUENCY (MHz)
Figure 28. ADV3200 Crosstalk, One Adjacent Channel, RTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com