Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6745PTP2 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320C6745PTP2
Description  Floating-point Digital Signal Processor
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6745PTP2 Datasheet HTML 3Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 4Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 5Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 6Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 7Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 9Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 10Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 203 page
background image
2
Revision History
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS377A device-specific data
manual to make it an SPRS377B revision.
Table 2-1. Revision History
ADDITIONS/MODIFICATIONS/DELETIONS
Global: Document status updated from "Product Preview" To "Advance Information".
Global: Updated the document to correct typos.
Global: Deleted references to PLLDIV9, SYSCLK9.
Global: Updates done to include RAM suppply for voltage scaling.
Global: Updated "ePWM" to "eHRPWM".
Global: Updates done to highlight the differences between C6745 and C6747.
Global: Updated SYSCLK dividers max frequency to 400mhz.
Added the following new sections:
Section 6.4, Reset
Section 6.26, UHPI
Updated the following tables and sections for Emulation related changes :
Table 3-4, Reset and JTAG Terminal Function
Table 6-99, DSP Debug Features
Section 6.28.1, JTAG Port Description
Table 4-10, SUSPSRC Field Descriptions
Section 4.3, SYSCFG Module
Deleted Section 4.5 ( in the earlier revision), Pin Multiplexing Control Registers since it is covered in detail in the System Reference Guide
Section 1.1, Added a bullet - "3.3V LVCMOS IOs (except for USB interfaces)".
Figure 3-4, Pin Map (PTP) - Updated Pin 124 to "AXR0[11]/AXR2[0]/GP3[11]"
Table 3-4, Reset and JTAG Terminal Functions table - Updated TDO PULL from "IPU" to IPD"
Table 3-18, Multichannel Audio Serial Ports (McASPs) Terminal Functions - Updated "UART1_TXD/AXR2[0]AXR0[11]/GP3[11]" to
"UART1_TXD/AXR0[10]/GP3[10]"
Section 5.2, Recommended Operating Conditions - Updated the table with values for VIH
Updated Table 6-26, Timing requirements for MMCSD
Updated Table 6-27, Switching Characteristics Over Recommended Operating Conditions for MMC/SD Module
Table 6-85, UART Registers - Added Modem Status Register and Scratchpad Register
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com