Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS902I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 1 Page - STMicroelectronics

  TS902I Datasheet HTML 1Page - STMicroelectronics TS902I Datasheet HTML 2Page - STMicroelectronics TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics TS902I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS902
RAIL TO RAIL CMOS DUAL
OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
.
RAIL TO RAIL INPUT AND OUTPUT
VOLTAGE RANGES
.
STANDBY POSITION : REDUCED CON-
SUMPTION (0.5
µA) AND HIGH IMPEDANCE
OUTPUTS
.
SINGLE (OR DUAL) SUPPLY OPERATION
FROM 2.7V TO 16V
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA TYP
.
SPECIFIED FOR 600
Ω AND 100Ω LOADS
.
LOW SUPPLY CURRENT : 200
µA/Ampli
.
SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
PIN CONNECTIONS (top view)
N
DIP14
(Plastic Package)
®
DESCRIPTION
The TS902 is a RAIL TO RAIL dual CMOS opera-
tional amplifier designed to operate with single or
dual supply voltage.
The input voltage range Vicm includes the two
supply rails VCC
+ and VCC-.
The output reaches (VCC = 5V) :
• VCC- +50mV VCC+ -50mV
with RL = 10k
Ω
• VCC- +350mV VCC+ -400mV with RL = 600Ω
This product offers a broad supply voltage operat-
ing range from 2.7V to 16V and a supply current of
only 200
µA/amp. (VCC = 3V).
Source and sink output current capability is typi-
cally 40mA (at VCC = 3V), fixed by an internal
limitation circuit.
The TS902 can be put on STANDBY position (only
0.5
µA and high impedance outputs).
STMicroelectronics is offering a quad op-amp with
the same features : TS904.
D
SO14
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
ND
TS902I/AI
-40, +125
oC
••
CC
V
+
1
2
3
4
8
5
6
7
9
10
11
12
13
14
Non-inverting Input 2
-
+
-
+
Standby
Output 1
N.C.
Non-inverting input 1
Inverting Input 1
N.C.
N.C.
-
CC
V
N.C.
Inverting Input 2
N.C.
Output 2
1/12


Similar Part No. - TS902I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS902I STMICROELECTRONICS-TS902I Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
More results

Similar Description - TS902I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Apr-1999
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
Oct-1997
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Dec-2001
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com