Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS902I Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS902I
Description  RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS902I Datasheet(HTML) 5 Page - STMicroelectronics

  TS902I Datasheet HTML 1Page - STMicroelectronics TS902I Datasheet HTML 2Page - STMicroelectronics TS902I Datasheet HTML 3Page - STMicroelectronics TS902I Datasheet HTML 4Page - STMicroelectronics TS902I Datasheet HTML 5Page - STMicroelectronics TS902I Datasheet HTML 6Page - STMicroelectronics TS902I Datasheet HTML 7Page - STMicroelectronics TS902I Datasheet HTML 8Page - STMicroelectronics TS902I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ = 10V, VCC- =0V, RL,CL connected to VCC/2, Standby OFF, Tamb =25oC
(unless otherwise specified)
Symbol
Parameter
TS902I/AI
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (Vic =Vo =VCC/2)
TS902
TS902A
Tmin.
≤ Tamb ≤ Tmax.
TS902
TS902A
10
5
12
7
mV
DVio
Input Offset Voltage Drift
5
µV/oC
Iio
Input Offset Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
100
200
pA
Iib
Input Bias Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin.
≤ Tamb ≤ Tmax.
400
600
700
µA
CMR
Common Mode Rejection Ratio
Vic = 3 to 7V, Vo =5V
Vic = 0 to 10V, Vo =5V
90
70
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 5 to 10V, VO =VCC /2)
80
dB
Avd
Large Signal Voltage Gain (RL =10k
Ω,VO = 2.5V to 7.5V)
Tmin.
≤ Tamb ≤ Tmax.
15
10
40
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
9.85
9.2
9.8
9
9.95
9.35
7.8
V
VOL
Low Level Output Voltage (Vid = -1V)
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
50
650
2300
150
800
150
900
mV
Io
Output Short Circuit Current (Vid =
±1V)
Source
(Vo =VCC
−
)
Sink
(Vo =VCC
+)
60
60
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL =10k
Ω,CL = 100pF, f = 100kHz)
1.3
MHz
SR
Slew Rate (AVCL =1, RL =10k
Ω,CL = 100pF, Vi = 2.5V to 7.5V)
1.3
V/
µs
∅m
Phase Margin
40
Degrees
en
Equivalent Input Noise Voltage (Rs = 100
Ω, f = 1kHz)
30
nV
√
Hz
THD
Total Harmonic Distortion
(AVCL =1, RL =10k
Ω,CL = 100pF, VO = 4.75V to 5.25V, f = 1kHz)
0.024
%
Cin
Input Capacitance
1.5
pF
Note 1 : Maximum values including unavoidable inaccuracies of the industrial test.
STANDBY MODE
VCC
+ = 10V, VCC- =0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TS902I/AI
Unit
Min.
Typ.
Max.
VinSBY/ON
Pin 1 Threshold Voltage for STANDBY ON
8.2
V
VinSBY/OFF
Pin 1 Threshold Voltage for STANDBY OFF
8.5
V
ICC SBY
Total Consumption in Standby Position (STANDBY ON)
1
µA
TS902
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com