Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5704BECLQ Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5704BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5704BECLQ Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5704BECLQ Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
62
Figure 12. Low Power Oscillator Electrical Characteristics
3.10
FMPLL Electrical Characteristics
The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system clock from the main
oscillator driver.
Table 26. Low Power Oscillator Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fXOSCLP
SR Oscillator frequency
32
-
40
kHz
VXOSCLP
CC3
3 Granted by device validation
Oscillation amplitude
VDD=3.3V±10%,
1.12
1.33
1.74
V
VDD=5.0V±10%,
1.12
1.37
1.74
IXOSCLP
CC3 Oscillator consumption
5
µA
TXOSCLPSU CC
3 Oscillator start-up time
2
s
VIH
SR Input high level CMOS
Schmitt Trigger
Oscillator bypass mode 0.65VDD
VDD+0.4
V
VIL
SR Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
-0.4
0.35VDD
V
VDD
TXOSCLPSU
VDDMIN
VXTAL
VXOSCLP
valid internal clock
90%
10%
1/fXOSCLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com