Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5704BECLQ Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5704BECLQ
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5704BECLQ Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5704BECLQ Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5704BECLQ Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
64
3.12
Low Power RC Oscillator Electrical Characteristics
The device provides a low power internal RC oscillator. This can be used as the reference clock for the RTC module.
3.13
Flash Memory Electrical Characteristics
Table 29. Low Power RC Oscillator Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fRCL
CC3
3 Guaranteed by device simulation, not tested in production
RC oscillator low frequency
TA = 25 °C, trimmed
128
kHz
IRCL
CC3 RC oscillator low frequency current
TA = 25 °C, trimmed
5
µA
ΔRCLTRIM CC3 RC oscillator precision after trimming of f
RCL
TA = 25 °C
-2
+2
%
ΔRCLVAR3 CC3 RC oscillator variation in temperature and
supply with respect to fRC at TA = 55 °C in high
frequency configuration
High frequency
configuration
-10
+10
%
Table 30. Program and Erase Specifications
Symbol
Parameter
Min Value
Typical
Value1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
Max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program & erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
Unit
Tdwprogram
Double Word (64 bits) Program Time4
4 Actual hardware programming times. This does not include software overhead.
—22
500
μs
T16kpperase
16 KB Block Pre-program and Erase Time
—
500
5000
ms
T32kpperase
32 KB Block Pre-program and Erase Time
—
600
5000
ms
T128kpperase 128 KB Block Pre-program and Erase Time
—
1300
7500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com