Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8CTMG110 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CTMG110
Description  TrueTouch??Multi-Touch Gesture Touchscreen Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTMG110 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CTMG110 Datasheet HTML 5Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 6Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 7Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 8Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 9Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 10Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 11Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 12Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY8CTMG110
Document Number: 001-46928 Rev. *B
Page 9 of 31
Pin
No.
Type
Name
Description
Digital
Analog
20
IO
M
P2[0]
21
IO
M
P2[2]
22
IO
M
P2[4]
23
IO
M
P2[6]
24
IO
I, M
P0[0]
Analog column mux input.
25
IO
I, M
P0[2]
Analog column mux input.
26
IO
I, M
P0[4]
Analog column mux input.
27
IO
I, M
P0[6]
Analog column mux input.
28
Power
Vdd
Supply voltage. Bypass to ground with 0.1 uF capacitor.
29
IO
I, M
P0[7]
Analog column mux input.
30
IO
I, M
P0[5]
Analog column mux input.
31
IO
I, M
P0[3]
Analog column mux input.
32
Power
Vss
Ground. Connect to circuit ground.
EP
Power
Vss
Exposed pad is internally connected to ground. Connect to circuit ground.
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
Table 2. Pin Definitions - CY8CTMG110 32-Pin (QFN) (continued)
Note
3. These are the ISSP pins, that are not High Z at POR (Power On Reset). See the PSoC Mixed Signal Array Technical Reference Manual for details.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com