Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8CTMG110 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8CTMG110
Description  TrueTouch??Multi-Touch Gesture Touchscreen Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTMG110 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8CTMG110 Datasheet HTML 17Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 18Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 19Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 20Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 21Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 22Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 23Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 24Page - Cypress Semiconductor CY8CTMG110 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CY8CTMG110
Document Number: 001-46928 Rev. *B
Page 21 of 31
AC General Purpose IO Specifications
Table 20 and Table 21 list the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to
5.25V and -40°C
≤ T
A ≤ 85°C, 3.0V to 3.6V and -40°C ≤ TA ≤ 85°C, or 2.4V to 3.0V and -40°C ≤ TA ≤ 85°C, respectively. Typical
parameters apply to 5V, 3.3V, or 2.7V at 25°C. These are for design guidance only.
Figure 11. GPIO Timing Diagram
AC Operational Amplifier Specifications
Table 22 lists the guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75V to 5.25V and -40°C
≤ T
A ≤ 85°C, 3.0V to 3.6V and -40°C ≤ TA ≤ 85°C, or 2.4V to 3.0V and -40°C ≤ TA ≤ 85°C, respectively. Typical parameters apply to
5V, 3.3V, or 2.7V at 25°C. These are for design guidance only.
Table 20. 5V and 3.3V AC GPIO Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
FGPIO
GPIO Operating Frequency
0
–
12
MHz
Normal Strong Mode
TRiseF
Rise Time, Normal Strong Mode, Cload = 50 pF 3
–
18
ns
Vdd = 4.5 to 5.25V, 10% - 90%
TFallF
Fall Time, Normal Strong Mode, Cload = 50 pF 2
–
18
ns
Vdd = 4.5 to 5.25V, 10% - 90%
TRiseS
Rise Time, Slow Strong Mode, Cload = 50 pF
7
27
–
ns
Vdd = 3 to 5.25V, 10% - 90%
TFallS
Fall Time, Slow Strong Mode, Cload = 50 pF
7
22
–
ns
Vdd = 3 to 5.25V, 10% - 90%
Table 21. 2.7V AC GPIO Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
FGPIO
GPIO Operating Frequency
0
–
3
MHz
Normal Strong Mode
TRiseF
Rise Time, Normal Strong Mode, Cload = 50 pF 6
–
50
ns
Vdd = 2.4 to 3.0V, 10% - 90%
TFallF
Fall Time, Normal Strong Mode, Cload = 50 pF 6
–
50
ns
Vdd = 2.4 to 3.0V, 10% - 90%
TRiseS
Rise Time, Slow Strong Mode, Cload = 50 pF
18
40
120
ns
Vdd = 2.4 to 3.0V, 10% - 90%
TFallS
Fall Time, Slow Strong Mode, Cload = 50 pF
18
40
120
ns
Vdd = 2.4 to 3.0V, 10% - 90%
TFallF
TFallS
TRiseF
TRiseS
90%
10%
GPIO
Pin
Output
Voltage
Table 22. AC Operational Amplifier Specifications
Symbol
Description
Min
Typ
Max
Units
Notes
TCOMP
Comparator Mode Response Time, 50 mV
Overdrive
100
200
ns
ns
Vdd
≥ 3.0V.
2.4V < Vcc < 3.0V.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com