Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPRG4 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 52Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 53Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 54Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 55Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 56Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 57Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 58Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 59Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
R
1
1 F
m
AnalogInput-
(1V
)
RMS
VIN-
(1V
)
RMS
R
1
1 F
m
AnalogInput+
(1V
)
RMS
VIN+
(1V
)
RMS
C
1
R
1
1.5kW
1.5kW
470pF
10 F
m
0.1 F
m
R
1
4.7kW
4.7kW
470pF
R
3
R
2
C
1
R
3
R
2
C
1
C
2
VIN-
(1V
)
RMS
VIN+
(1V
)
RMS
VCOMAD
AnalogInput
(2V
)
RMS
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
Typical interface circuits for analog input and analog output are shown in Figure 58 through Figure 63.
R1 = 47-Ω to 470-Ω resistor, C1 = 0.01-pF to 0.001-µF capacitor; f–3 dB = 160 kHz.
NOTE: The signal source impedance must be low enough to apply this configuration.
Figure 58. Basic Differential Input Circuit with Anti-Aliasing LPF for Differential ADC Input
Amplifier is an NE5532A x2 or OPA2134 x2; R1 = 1.5-kΩ resistor; R2 = 750-Ω resistor; R3 = 47-Ω resistor; C1 = 3300-pF capacitor; C2 =
0.01-
µF capacitor; Gain = 1; f
–3 dB = 45 kHz.
Figure 59. Single-Ended to Differential Buffer and Anti-Aliasing LPF for Differential ADC Input
56
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com