Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3168APAPRG4 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 22Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 23Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 24Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 25Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 26Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 27Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 28Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 29Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
LRCKDA
(Slave)
BCKDA
Left-JustifiedMode
DIN1
(Dual)
I SMode
2
DIN1
(Dual)
Left-JustifiedMode
DIN1/2
(Quad)
I SMode
2
DIN1/2
(Quad)
1/f (256BCKsatDualRate,128BCKsatQuadRate)
S
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
23 22
0
23 22
1
0
23 22
1 0
23 22
1 0
23 22
23 22
1 0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
0
23 22
23 22
0
23 22
1
0
1
0
1
0
23 22
23 22
1
0
23 22
23 22
Ch1
32BCKs
Ch2
32BCKs
Ch3
32BCKs
Ch4
32BCKs
Ch5
32BCKs
Ch6
32BCKs
Ch7
32BCKs
Ch8
32BCKs
Ch1/Ch5
32BCKs
Ch2/Ch6
32BCKs
Ch3/Ch7
32BCKs
Ch4/Ch8
32BCKs
AUDIO INTERFACE TIMING
BCKAD/DA
(Input)
1.4V
1.4V
1.4V
0.5
VDD
´
t
LRS
t
DOD
LRCKAD/DA
(Input)
DOUT1/2/3
DIN1/2/3/4
t
DIH
t
LRH
t
DIS
t
BCH
t
BCL
t
BCY
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
Figure 41. Audio Data Format: 24-Bit High-Speed TDM Format
(SCKI = 128 fS, 256 fS, DAC, and Slave Mode Only)
Figure 42 through Figure 45 describe the detailed interface timing specifications.
Figure 42. Audio Interface Timing Requirements for Left-Justified, Right-Justified, and I2S Data Formats
(Slave Mode)
Table 9. Timing Requirements for Figure 42(1)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tBCY
BCKAD/DA cycle time
75
ns
tBCH
BCKAD/DA pulse width high
35
ns
tBCL
BCKAD/DA pulse width low
35
ns
tLRS
LRCKAD/DA setup time to BCKAD/DA rising edge
10
ns
tLRH
LRCKAD/DA hold time to BCKAD/DA rising edge
10
ns
tDIS
DIN1/2/3/4 setup time to BCKDA rising edge
10
ns
tDIH
DIN1/2/3/4 hold time to BCKDA rising edge
10
ns
tDOD
DOUT1/2/3 delay time from BCKAD falling edge
0
30
ns
(1)
Load capacitance of output is 20 pF.
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com