Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8599TH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors TDF8599TH Datasheet HTML 17Page - NXP Semiconductors TDF8599TH Datasheet HTML 18Page - NXP Semiconductors TDF8599TH Datasheet HTML 19Page - NXP Semiconductors TDF8599TH Datasheet HTML 20Page - NXP Semiconductors TDF8599TH Datasheet HTML 21Page - NXP Semiconductors TDF8599TH Datasheet HTML 22Page - NXP Semiconductors TDF8599TH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
19 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
8.6.2 Load identification (I2C-bus mode only)
8.6.2.1
DC load detection
DC load detection is only available in I2C-bus mode and is controlled using bit IB2[D2].
The default setting is logic 0 for bit IB2[D2] which disables DC load detection. DC load
detection is enabled when bit IB2[D2] = 1. Load detection takes place before the class-D
amplifier output stage starts switching in Mute mode (see Figure 17) and the start-up time
from Standby mode to Mute mode is increased by tdet(DCload)
The capacitor connected to pin SEL_MUTE (see Figure 4) is used to create an inaudible
current test pulse, drawn from the positive amplifier output. The diagnostic ‘speaker load’
(or ‘open load’), based on the voltage difference between pins OUTxP and OUTxN is
shown in Figure 19.
Fig 17. DC load detection circuit
Fig 18. DC load detection procedure
Fig 19. DC load detection limits
001aai787
PWM
CONTROL
DRIVER
HIGH
VP
PGND1
OUTN
OUTP
RL
B
DRIVER
LOW
PWM
CONTROL
DRIVER
HIGH
VP
PGND2
DRIVER
LOW
001aai788
out (V)
Tdet(DCload)
Td(mute-off)
t (s)
out
−
out+
001aai789
0
Ω
25
Ω 350 Ω
SPEAKER LOAD
OPEN LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com