Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8599TH Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 19Page - NXP Semiconductors TDF8599TH Datasheet HTML 20Page - NXP Semiconductors TDF8599TH Datasheet HTML 21Page - NXP Semiconductors TDF8599TH Datasheet HTML 22Page - NXP Semiconductors TDF8599TH Datasheet HTML 23Page - NXP Semiconductors TDF8599TH Datasheet HTML 24Page - NXP Semiconductors TDF8599TH Datasheet HTML 25Page - NXP Semiconductors TDF8599TH Datasheet HTML 26Page - NXP Semiconductors TDF8599TH Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
23 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
9.
I2C-bus specification
TDF8599 address with hardware address select.
[1]
Required external resistor accuracy is 1 %.
The information on pin ADS is latched when the amplifier starts switching.
(1) Shutdown hold delay
(2) Shutdown delay
(3) Master mode shutdown delay
Fig 22. Start-up and shutdown timing in non-I2C-bus mode
001aai791
VDDA
DIAG
EN
td(2)
td(1)
td(3)
mute on delay
td(stb-mute)
ACGND
SEL_MUTE
SVR
OUT
Table 13.
TDF8599 address using an external resistor
ADS[1]
A6
A5
A4
A3
A2
A1
A0
R/W
Open
01011000 = Write to TDF8599
1 = Read from TDF8599
100 k
Ω to ground
0101011
33 k
Ω to ground
0101010
13 k
Ω to ground
0101001
4.7 k
Ω to ground
0101000
Ground
Non-I2C-bus mode select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com