Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3012-ISZ Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3012-ISZ
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-ISZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3012-ISZ Datasheet HTML 2Page - Cirrus Logic CS3012-ISZ Datasheet HTML 3Page - Cirrus Logic CS3012-ISZ Datasheet HTML 4Page - Cirrus Logic CS3012-ISZ Datasheet HTML 5Page - Cirrus Logic CS3012-ISZ Datasheet HTML 6Page - Cirrus Logic CS3012-ISZ Datasheet HTML 7Page - Cirrus Logic CS3012-ISZ Datasheet HTML 8Page - Cirrus Logic CS3012-ISZ Datasheet HTML 9Page - Cirrus Logic CS3012-ISZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CS3011
CS3012
6
DS597F5
Typical Performance Plots (Cont.)
0
20
40
60
80
-360
-315
-270
-225
-180
-135
-90
-45
0
10000
100000
1000000
10000000
0
10 K
100 K
1 M
10 M
Figure 10. Open Loop Gain and Phase vs Frequency (Expand-
Frequency
Figure 11. Input Bias Current vs Common Mode Voltage (CS3012)
CS3012 IB vs Common
-200
-150
-100
-50
0
50
100
150
200
01
2
3
45
Common Mode Voltage (Vs = 5V)
A-
A+
B-
B+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com